Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM324YTS Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM324YTS
Description  1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM324YTS Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM324YTS Datasheet HTML 2Page - SG Micro Corp SGM324YTS Datasheet HTML 3Page - SG Micro Corp SGM324YTS Datasheet HTML 4Page - SG Micro Corp SGM324YTS Datasheet HTML 5Page - SG Micro Corp SGM324YTS Datasheet HTML 6Page - SG Micro Corp SGM324YTS Datasheet HTML 7Page - SG Micro Corp SGM324YTS Datasheet HTML 8Page - SG Micro Corp SGM324YTS Datasheet HTML 9Page - SG Micro Corp SGM324YTS Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SGM321/358/324
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25℃, VS = +5V, and RL = 100k
Ω connected to Vs/2,unless otherwise noted.
Common-Mode Rejection Ratio
vs.Temperature
60
70
80
90
100
110
120
-50 -30 -10 10
30
50
70
90 110 130
Temperature(℃)
-Vs < VCM <(+Vs)
-Vs < VCM< (+Vs)-1.5V
Power-Supply Rejection Ratio
vs.Temperature
60
70
80
90
100
110
120
-50 -30 -10 10
30
50
70
90 110 130
Temperature(℃)
Overload Recovery Time
Time(2µs/div)
Vs = 5V
G = -5
VIN = 500mV
2.5V
0V
500mV
0V


Similar Part No. - SGM324YTS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM324YTS14/TR SGMICRO-SGM324YTS14/TR Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM324YTS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com