Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM358YP Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM358YP
Description  1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM358YP Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM358YP Datasheet HTML 4Page - SG Micro Corp SGM358YP Datasheet HTML 5Page - SG Micro Corp SGM358YP Datasheet HTML 6Page - SG Micro Corp SGM358YP Datasheet HTML 7Page - SG Micro Corp SGM358YP Datasheet HTML 8Page - SG Micro Corp SGM358YP Datasheet HTML 9Page - SG Micro Corp SGM358YP Datasheet HTML 10Page - SG Micro Corp SGM358YP Datasheet HTML 11Page - SG Micro Corp SGM358YP Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SGM321/358/324
Typical Application Circuits
Differential Amplifier
The circuit shown in Figure 4 performs the difference function. If
the resistors ratios are equal ( R4 / R3 = R2 / R1 ), then
VOUT = ( Vp – Vn ) × R2 / R1 + Vref.
Vn
Vp
VOUT
SGM321
Vref
R1
R2
R3
R4
Figure 4. Differential Amplifier
Instrumentation Amplifier
The circuit in Figure 5 performs the same function as that in Figure 4
but with the high input impedance.
Vn
Vp
SGM321
Vref
R1
R2
R3
R4
VOUT
SGM321
SGM321
Figure 5. Instrumentation Amplifier
Low Pass Active Filter
The low pass filter shown in Figure 6 has a DC gain of ( - R2 / R1 )
and the –3dB corner frequency is 1/2
πR2C. Make sure the filter is
within the bandwidth of the amplifier. The Large values of feedback
resistors can couple with parasitic capacitance and cause undesired
effects such as ringing or oscillation in high-speed amplifiers. Keep
resistors value as low as possible and consistent with output loading
consideration.
VIN
VOUT
SGM321
R1
R2
R3 = R1 // R2
C
Figure 6. Low Pass Active Filter


Similar Part No. - SGM358YP

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM358YP SGMICRO-SGM358YP Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM358YP

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com