Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM330A-YTS Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM330A-YTS
Description  Quad, Wide-Bandwidth SPDT Video Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM330A-YTS Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM330A-YTS Datasheet HTML 5Page - SG Micro Corp SGM330A-YTS Datasheet HTML 6Page - SG Micro Corp SGM330A-YTS Datasheet HTML 7Page - SG Micro Corp SGM330A-YTS Datasheet HTML 8Page - SG Micro Corp SGM330A-YTS Datasheet HTML 9Page - SG Micro Corp SGM330A-YTS Datasheet HTML 10Page - SG Micro Corp SGM330A-YTS Datasheet HTML 11Page - SG Micro Corp SGM330A-YTS Datasheet HTML 12Page - SG Micro Corp SGM330A-YTS Datasheet HTML 13Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SGM330A
TEST CIRCUITS(continued)
EXT TRIGGER
BIAS
P1
P2
Network Analyzer
(HP8753ES)
VBIAS
DA
IN
S1A
EN
DUT
VCC
RL = 150Ω
VIN
VEN
DB
S1B
RL = 150Ω
50Ω(1)
RIN = 10Ω
NOTES: (1) A 50termination resistor is needed for the network analyzer.
Figure 4. Test Circuit for Crosstalk (XTALK)
Crosstalk is measured at the output of the nonadjacent ON channel. For example, when VIN = 0, VEN = 0, and
DA is the input, the output is measured at S1B. All unused analog input (D) ports and output (S) ports are
connected to GND through 10Ω and 50Ω pulldown resistors, respectively.
HP8753ES Setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM


Similar Part No. - SGM330A-YTS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
More results

Similar Description - SGM330A-YTS

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com