Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2001-5.0 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SG2001-5.0
Description  150mA, Low Power, Low Noise Low Dropout, Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2001-5.0 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SG2001-5.0 Datasheet HTML 3Page - SG Micro Corp SG2001-5.0 Datasheet HTML 4Page - SG Micro Corp SG2001-5.0 Datasheet HTML 5Page - SG Micro Corp SG2001-5.0 Datasheet HTML 6Page - SG Micro Corp SG2001-5.0 Datasheet HTML 7Page - SG Micro Corp SG2001-5.0 Datasheet HTML 8Page - SG Micro Corp SG2001-5.0 Datasheet HTML 9Page - SG Micro Corp SG2001-5.0 Datasheet HTML 10Page - SG Micro Corp SG2001-5.0 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SG2001/A
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) + 0.5V or 2.5V (whichever is greater), CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Start Up
Time(10
μs/div)
Application Notes
When LDO is used in handheld products, Attention must be paid to voltage spike which would damage
SG2001. In such applications, voltage spike will be generated at changer interface and VBUS pin of USB
interface when changer adapters and USB equipments are hot-inserted. Besides this, handheld products will
be tested on the production line on the condition of no battery. Test Engineer will apply power from the
connector pin which connects with positive pole of the battery. When external power supply is turned on
suddenly, the voltage spike will be generated at the battery connector. The voltage spike will be very high, it
always exceeds the absolute maximum input voltage (6.0V) of LDO. In order to get robust design. Design
Engineer needs to clear up this voltage spike. Zener diode is a cheap and effective solution to eliminate such
voltage spike. For example, BZM55B5V6 is a 5.6V small package Zener diode which can be used to
remove voltage spike in cell phone design. The schematic is shown in below:
SG2001
4
4.7uF
VOUT
2
1
Vcc
Input
EN
GND
BP/FP
IN
Control
3
5
VOUT
C2
0.01uF
C1
1uF
BZM55B5V6
VIN = 5V
VOUT = 2.5V
CIN = COUT = 1
μF
ILOAD = 1mA
6
4
2
0
2
1
0


Similar Part No. - SG2001-5.0

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2001 MICROSEMI-SG2001 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001 MICROSEMI-SG2001 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001 MICROSEMI-SG2001 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001 MICROSEMI-SG2001 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001J MICROSEMI-SG2001J Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2001-5.0

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
   150mA, Low Power, Low Dropout, Linear Regulators
logo
Maxim Integrated Produc...
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com