Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM809 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM809
Description  Microprocessor Supervisory Circuit in 3-Pin SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM809 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM809 Datasheet HTML 1Page - SG Micro Corp SGM809 Datasheet HTML 2Page - SG Micro Corp SGM809 Datasheet HTML 3Page - SG Micro Corp SGM809 Datasheet HTML 4Page - SG Micro Corp SGM809 Datasheet HTML 5Page - SG Micro Corp SGM809 Datasheet HTML 6Page - SG Micro Corp SGM809 Datasheet HTML 7Page - SG Micro Corp SGM809 Datasheet HTML 8Page - SG Micro Corp SGM809 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SGM803/809/810
ELECTRICAL CHARACTERISTICS
(VCC Typ = 5 V for L/M/J Models, 3.3 V for T/S Models, 3 V for R Models, 2.5 V for Z Models; unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
TA = 0°C to 70°C
1.0
5.5
V
Voltage
TA = - 40°C to +125°C
1.2
5.5
V
VCC < 5.5 V, SGM8_L/M/J, TA = 25°C
20
30
µA
VCC < 5.5 V, SGM8_L/M/J, TA = - 40°C to +125°C
50
µA
VCC < 3.6 V, SGM8_R/S/T/Z, TA = 25°C
17
25
µA
Current
VCC < 3.6 V, SGM8_R/S/T/Z, TA = - 40°C to +125°C
45
µA
RESET VOLTAGE THRESHOLD
TA = 25°C
4.537
4.63
4.723
V
SGM8_L
TA = - 40°C to +125°C
4.40
4.86
V
TA = 25°C
4.292
4.38
4.468
V
SGM8_M
TA = - 40°C to +125°C
4.16
4.56
V
TA = 25°C
3.92
4.00
4.08
V
SGM809J/SGM810J
TA = - 40°C to +125°C
3.8
4.2
V
TA = 25°C
3.003
3.08
3.157
V
SGM8_T
TA = - 40°C to +125°C
2.92
3.23
V
TA = 25°C
2.857
2.93
3.003
V
SGM8_S
TA = - 40°C to +125°C
2.78
3.08
V
TA = 25°C
2.564
2.63
2.696
V
SGM8_R
TA = - 40°C to +125°C
2.50
2.76
V
TA = 25°C
2.262
2.32
2.378
V
SGM8_Z
TA = - 40°C to +125°C
2.22
2.42
V
RESET THRESHOLD
Temperature Coefficient
30
ppm/°C
VCC to RESET/
RESET Delay
VCC = VTH to (VTH –100 mV)
20
µs
TA = - 40°C to +85°C
160
240
560
ms
Reset Active Timeout Period
TA = - 40°C to +125°C
100
840
ms
RESET/
RESET OUTPUT VOLTAGE
Low (SGM803R/S/T/Z)
Low (SGM809R/S/T/Z)
VCC = VTH(MIN), ISINK = 1.2mA
0.3
V
Low (SGM803L/M/J)
Low (SGM809L/M/J)
VCC = VTH(MIN), ISINK = 3.2mA
0.4
V
Low (SGM803R/S/T/L/M/J/Z)
Low (SGM809R/S/T/L/M/J/Z)
VCC > 1.0 V, ISINK = 50µA
0.3
V
High (SGM809R/S/T/Z)
VCC > VTH(MAX), ISOURCE = 500µA
0.8×VCC
V
High (SGM809L/M/J)
VCC > VTH(MAX), ISOURCE = 800µA
VCC– 1.5
V
Low (SGM810R/S/T/Z)
VCC = VTH(MAX), ISINK = 1.2mA
0.3
V
Low (SGM810L/M/J)
VCC = VTH(MAX), ISINK = 3.2mA
0.4
V
High (SGM810 R/S/T/L/M/J)
1.8 V < VCC < VTH(MIN), ISOURCE = 150µA
0.8×VCC
V
RESET Open-Drain Output
Leakage Current (SGM803)
VCC > VTH, reset de-asserted
1
µA
Specifications subject to change without notice.


Similar Part No. - SGM809

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM809 SGMICRO-SGM809 Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
SGM809-JXN3/TR SGMICRO-SGM809-JXN3/TR Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
SGM809-JXN3L/TR SGMICRO-SGM809-JXN3L/TR Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
SGM809-LXN3/TR SGMICRO-SGM809-LXN3/TR Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
SGM809-LXN3L/TR SGMICRO-SGM809-LXN3L/TR Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
More results

Similar Description - SGM809

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM809 AD-ADM809 Datasheet
172Kb / 6P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
REV. 0
logo
SG Micro Corp
SGM803 SGMICRO-SGM803_18 Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com