Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2002-3.0 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SG2002-3.0
Description  300mA, Low Power, Low Noise Low Dropout, Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2002-3.0 Datasheet(HTML) 2 Page - SG Micro Corp

  SG2002-3.0 Datasheet HTML 1Page - SG Micro Corp SG2002-3.0 Datasheet HTML 2Page - SG Micro Corp SG2002-3.0 Datasheet HTML 3Page - SG Micro Corp SG2002-3.0 Datasheet HTML 4Page - SG Micro Corp SG2002-3.0 Datasheet HTML 5Page - SG Micro Corp SG2002-3.0 Datasheet HTML 6Page - SG Micro Corp SG2002-3.0 Datasheet HTML 7Page - SG Micro Corp SG2002-3.0 Datasheet HTML 8Page - SG Micro Corp SG2002-3.0 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SG2002/A
ORDERING INFORMATION
MODEL
VOUT
(V)
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SG2002-1.5
1.5V
SOT23-5
- 40°C to +125°C
SG2002-1.5XN5/TR
X215
Tape and Reel, 3000
SG2002-1.8
1.8V
SOT23-5
- 40°C to +125°C
SG2002-1.8XN5/TR
X218
Tape and Reel, 3000
SG2002-2.5
2.5V
SOT23-5
- 40°C to +125°C
SG2002-2.5XN5/TR
X225
Tape and Reel, 3000
SG2002-2.8
2.8V
SOT23-5
- 40°C to +125°C
SG2002-2.8XN5/TR
X228
Tape and Reel, 3000
SG2002-2.85
2.85V
SOT23-5
- 40°C to +125°C
SG2002-2.85XN5/TR
X22J
Tape and Reel, 3000
SG2002-3.0
3.0V
SOT23-5
- 40°C to +125°C
SG2002-3.0XN5/TR
X230
Tape and Reel, 3000
SG2002-3.3
3.3V
SOT23-5
- 40°C to +125°C
SG2002-3.3XN5/TR
X233
Tape and Reel, 3000
SG2002-5.0
5.0V
SOT23-5
- 40°C to +125°C
SG2002-5.0XN5/TR
X250
Tape and Reel, 3000
SG2002A
adjustable
SOT23-5
- 40°C to +125°C
SG2002-XN5/TR
X2AA
Tape and Reel, 3000
ABSOLUTE MAXIMUM RATINGS
IN to GND.................................................................... - 0.3V to +6V
Output Short-Circuit Duration ...........................................Infinite
EN to GND.................................................................. - 0.3V to +6V
OUT, BP/FB to GND......................................- 0.3V to (VIN + 0.3V)
Power Dissipation, PD @ TA = 25℃
SOT23-5 .....................................................................................0.4W
Package Thermal Resistance
SOT23-5, θJA....................................................................... 250℃/W
Operating Temperature Range...........................- 40°C to +125°C
Junction Temperature...........................................................+150°C
Storage Temperature.............................................- 65°C to +150°C
Lead Temperature (soldering, 10s).......................................260°C
ESD Susceptibility
HBM..........................................................................................7000V
MM..............................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
IN
Regulator Input. Supply voltage can range from 2.5V to 5.5V. Bypass with a 1µF capacitor to GND.
2
GND
Ground.
3
EN
Shutdown Input. A logic low reduces the supply current to 10nA. Connect to IN for normal operation.
4
BP
Reference-Noise Bypass(fixed voltage version only). Bypass with a low-leakage 0.01µF ceramic capacitor for
reduced noise at the output.
4
FB
Adjustable voltage version only—this is used to set the output voltage of the device.
5
OUT
Regulator Output.


Similar Part No. - SG2002-3.0

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2002 MICROSEMI-SG2002 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2002 MICROSEMI-SG2002 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2002 MICROSEMI-SG2002 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2002 MICROSEMI-SG2002 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2002-3.0

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2011 SGMICRO-SG2011 Datasheet
544Kb / 10P
   300mA , Low Power, Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com