Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2011-2.5 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SG2011-2.5
Description  300mA , Low Power, Low Dropout, Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2011-2.5 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SG2011-2.5 Datasheet HTML 2Page - SG Micro Corp SG2011-2.5 Datasheet HTML 3Page - SG Micro Corp SG2011-2.5 Datasheet HTML 4Page - SG Micro Corp SG2011-2.5 Datasheet HTML 5Page - SG Micro Corp SG2011-2.5 Datasheet HTML 6Page - SG Micro Corp SG2011-2.5 Datasheet HTML 7Page - SG Micro Corp SG2011-2.5 Datasheet HTML 8Page - SG Micro Corp SG2011-2.5 Datasheet HTML 9Page - SG Micro Corp SG2011-2.5 Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SG2011
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT (NOMINAL) + 0.5V or 2.5V (whichever is greater), CIN = 1µF, COUT = 1µF, TA = +25℃, unless otherwise noted.
Output Voltage vs.Temperature
2.4
2.45
2.5
2.55
2.6
-40 -20
0
20
40
60
80
100 120 140
Temperature(℃)
ILOAD = 300mA
VOUT = 2.5V
Output Voltage vs.Temperature
3.2
3.25
3.3
3.35
3.4
-40 -20
0
20
40
60
80
100 120 140
Temperature(℃)
ILOAD = 300mA
VOUT = 3.3V
Ground Pin Current vs.Temperature
40
60
80
100
120
140
160
180
200
-40 -20
0
20
40
60
80
100 120 140
Temperature(℃)
VOUT = 2.5V
VOUT = 3.3V
ILOAD = 300mA
Dropout Voltage vs.Load Current
0
40
80
120
160
200
240
280
320
360
0
30
60
90 120 150 180 210 240 270 300
Load Current(mA)
TA = -40℃
TA = +25℃
TA = +85℃
TA = +125℃
VOUT = 2.5V
Dropout Voltage vs.Load Current
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
Load Current(mA)
TA = -40℃
TA = +25℃
TA = +85℃
T
A = +125℃
VOUT = 3.3V
VOUT = 2.5V
ILOAD = 1mA
6
4
2
0
2
1
0
Start Up
Time(10
µs/div)


Similar Part No. - SG2011-2.5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2011 MICROSEMI-SG2011 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2011-2.5

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com