Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2003-3.0 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SG2003-3.0
Description  400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2003-3.0 Datasheet(HTML) 1 Page - SG Micro Corp

  SG2003-3.0 Datasheet HTML 1Page - SG Micro Corp SG2003-3.0 Datasheet HTML 2Page - SG Micro Corp SG2003-3.0 Datasheet HTML 3Page - SG Micro Corp SG2003-3.0 Datasheet HTML 4Page - SG Micro Corp SG2003-3.0 Datasheet HTML 5Page - SG Micro Corp SG2003-3.0 Datasheet HTML 6Page - SG Micro Corp SG2003-3.0 Datasheet HTML 7Page - SG Micro Corp SG2003-3.0 Datasheet HTML 8Page - SG Micro Corp SG2003-3.0 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SG2003/A
SG2004/A
GENERAL DESCRIPTION
The SG2003/A and SG2004/A low-power, low-noise,
low-dropout, CMOS linear voltage regulators operate from
a 2.5V to 5.5V input and deliver up to 400mA (400mA peak
SG2003 only). They are the perfect choice for low voltage,
low power applications. An ultra low ground current
(120µA at 400mA output) make them attractive for battery
operated power systems. The SG2003/A and SG2004/A
series also offer ultra low dropout voltage (280mV at
400mA output) to prolong battery life in portable
electronics. Systems requiring a quiet voltage source, such
as RF applications, will benefit from the SG2003/A and
SG2004/A series’ ultra low output noise (30µVRMS). An
external noise bypass capacitor connected to the device’s
BP pin can further reduce the noise level.
The output voltage is preset to voltages in the range of 1.5V
to 4.5V. Other features include a 10nA logic-controlled
shutdown mode, foldback current limit and thermal
shut-down protection.
SG2003/A comes in 5-pin SOT23 package and SG2004/A
comes in 8-pin SO package.
APPLICATIONS
Cellular Telephones
Cordless Telephones
PHS Telephones
PCMCIA Cards
Modems
MP3 Players
Hand-Held Instruments
Palmtop Computers
Electronic Planners
Portable/Battery-Powered Equipment
400mA, Low Power, Low Noise,
Low Dropout, Linear Regulators
FEATURES
-
Low Output Noise: 30µVRMS typ(10Hz to 100KHz)
-
Ultra-Low Dropout Voltage:
280mV at 400mA output
-
Low 77µA No-Load Supply Current
-
Low 120µA Operating Supply Current
at 400mA Output
-
Thermal-Overload Protection
-
Output Current Limit
-
Preset Output Voltages (±1.6% Accuracy)
-
10nA Logic-Controlled Shutdown
-
Available in Multiple Output Voltage Versions
Fixed Outputs of 2.5V, 2.8V, 2.85V, 3.0V, and 3.3V
Adjustable Output from 1.5V to 4.5V
PIN CONFIGURATIONS(TOP VIEW)
1
2
3
4
5
6
7
8
SO-8
SG2004/A
EN
IN
OUT
BP/FB
GND
GND
GND
GND
1
2
3
4
5
OUT
IN
SOT23-5
GND
EN
BP/FB
SG2003/A
Shengbang Microelectronics Co, Ltd
Tel: 86/451/84348461
www.sg-micro.com
REV. B


Similar Part No. - SG2003-3.0

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2003 MICROSEMI-SG2003 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003J MICROSEMI-SG2003J Datasheet
110Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2003-3.0

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2012 SGMICRO-SG2012 Datasheet
534Kb / 9P
   400mA , Low Power, Low Dropout, Linear Regulators
SG2002 SGMICRO-SG2002 Datasheet
588Kb / 11P
   300mA, Low Power, Low Noise Low Dropout, Linear Regulators
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Texas Instruments
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com