Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2001-1.2 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SG2001-1.2
Description  150mA, Low Power, Low Noise Low Dropout, Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2001-1.2 Datasheet(HTML) 5 Page - SG Micro Corp

  SG2001-1.2 Datasheet HTML 1Page - SG Micro Corp SG2001-1.2 Datasheet HTML 2Page - SG Micro Corp SG2001-1.2 Datasheet HTML 3Page - SG Micro Corp SG2001-1.2 Datasheet HTML 4Page - SG Micro Corp SG2001-1.2 Datasheet HTML 5Page - SG Micro Corp SG2001-1.2 Datasheet HTML 6Page - SG Micro Corp SG2001-1.2 Datasheet HTML 7Page - SG Micro Corp SG2001-1.2 Datasheet HTML 8Page - SG Micro Corp SG2001-1.2 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SG2001/A
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) + 0.5V or 2.5V (whichever is greater), CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Output Voltage vs.Load Current
2.4
2.45
2.5
2.55
2.6
0
50
100
150
Load Current(mA)
VOUT = 2.5V
Output Voltage vs.Load Current
4.95
4.975
5
5.025
5.05
0
50
100
150
Load Current(mA)
VOUT = 5V
Ground Pin Current vs.Load Current
60
65
70
75
80
85
90
95
100
105
110
115
120
125
0
50
100
150
Load Current(mA)
VOUT = 2.5V
VOUT = 5V
Ground Pin Current vs.Input Voltage
0
20
40
60
80
100
0123456
Input Voltage(V)
No Load
Iload = 50mA
VOUT = 2.5V
Ground Pin Current vs.Input Voltage
0
50
100
150
200
250
300
350
01
23
45
6
Input Voltage(V)
No Load
Iload = 50mA
VOUT = 5V
Output Voltage vs.Input Voltage
0
1
2
3
4
5
6
01
234
56
Input Voltage(V)
No Load
VOUT = 2.5V
VOUT = 5V


Similar Part No. - SG2001-1.2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2001 MICROSEMI-SG2001 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001 MICROSEMI-SG2001 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001 MICROSEMI-SG2001 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001 MICROSEMI-SG2001 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001J MICROSEMI-SG2001J Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2001-1.2

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
   150mA, Low Power, Low Dropout, Linear Regulators
logo
Maxim Integrated Produc...
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com