Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL0300 Datasheet(PDF) 9 Page - Power IC Ltd.

Part # PL0300
Description  Low Noise, Fixed Output Voltage 300mA LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0300 Datasheet(HTML) 9 Page - Power IC Ltd.

Back Button PL0300 Datasheet HTML 4Page - Power IC Ltd. PL0300 Datasheet HTML 5Page - Power IC Ltd. PL0300 Datasheet HTML 6Page - Power IC Ltd. PL0300 Datasheet HTML 7Page - Power IC Ltd. PL0300 Datasheet HTML 8Page - Power IC Ltd. PL0300 Datasheet HTML 9Page - Power IC Ltd. PL0300 Datasheet HTML 10Page - Power IC Ltd. PL0300 Datasheet HTML 11Page - Power IC Ltd. PL0300 Datasheet HTML 12Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OPERATION
The PL0300/P is an ultra-low-noise, low-dropout, low-
quiescent current linear regulator designed for space-
restricted applications. It is available with preset output
voltages ranging from 1.5V to 5.0V in 100mV increments.
It can supply loads of up to 300mA. As shown in the
Block Diagram, the PL0300/P consists of a highly
accurate band gap core, noise bypass circuit, error
amplifier, P-channel pass transistor and an internal
feedback voltage divider. The PL0300/P allows for an
adjustable output with an external feedback network. The
1.0V band gap reference is connected to the error
amplifier’s inverting input. The error amplifier compares
this reference with the feedback voltage and amplifies
the difference. If the feedback voltage is lower than the
reference voltage, the pass transistor gate is pulled low.
This allows more current to pass to the output and
increases the output voltage. If the feedback voltage is
too high, the pass transistor gate is pulled high, allowing
less current to pass to the output. The output voltage is
fed back through an internal resistor voltage-divider
connected to the OUT pin. An external bypass capacitor
connected to BYP (PL0300/P-BYP) reduces the noise at
the output. Additional blocks include a current limiter,
over temperature protection and shutdown logic.
PL0300
Internal P-Channel Pass Transistor
The PL0300/P features a 1
Ω (typical) P-channel MOSFET
pass transistor. This provides several advantages over
similar designs using a PNP pass transistor, including
longer battery life. The P-channel MOSFET requires no
base drive, which considerably reduces the quiescent
current. PNP-based regulators waste considerable current
in dropout when the pass transistor saturates. They also
use high base-drive current under heavy loads.
The PL0300/P does not suffer from these problems and
consumes only 90
μA of quiescent current.
Current Limit
The PL0300/P includes a current limiter. It monitors the
output current and controls the pass transistor’s gate
voltage to limit the output current under 550mA (typical).
The output can be shorted to ground for an indefinite
amount of time without damaging the part.
The short circuit current limit is increased to
approximately 650mA (typical) when the output voltage
is within 10% of the nominal output, thus improving the
performance of large pulsating loads. The in-regulation
current limit option provides the user to overload the
device, maintaining a continuous 300mA (RMS) load.
Enable Input
The PL0300/P features an active-high Enable input (EN)
pin that allows on/off control of the regulator. The
PL0300/P bias current reduces to ZERO (leakage current)
when it goes into shutdown. The Enable input is
TTL/CMOS compatible for simple logic interfacing. When
EN is ‘H,’ the output voltage startup rising time is typically
25µs. Connect EN pin to IN pin for normal operation.
Power Good Flag (Applicable for PL0300P)
The PL0300/P features a Power Good flag (PGD), which
monitors the output voltage and signals an error
condition when the output voltage drops 10% below its
nominal value.
Under Voltage Lockout
When the input supply goes too low (typically below
2.0V), the PL0300/P produces an internal UVLO (Under
Voltage Lockout) signal that generates a fault signal and
shuts down the chip. This mechanism protects the chip
from producing false logic due to low input supply.
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
9


Similar Part No. - PL0300

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
PL030-6-30 VIMARLOW-PL030-6-30 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01 VIMARLOW-PL030-6-30-01 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01L VIMARLOW-PL030-6-30-01L Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01LS VIMARLOW-PL030-6-30-01LS Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30 VIMARLOW-PL030-6-30_18 Datasheet
430Kb / 2P
   Single?륲tage Thermoelectric Module
More results

Similar Description - PL0300

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com