Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1043-QH-EV1 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP1043-QH-EV1
Description  12.0-16.0 GHz Power Amplifier QFN, 4x4mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1043-QH-EV1 Datasheet(HTML) 1 Page - Mimix Broadband

  XP1043-QH-EV1 Datasheet HTML 1Page - Mimix Broadband XP1043-QH-EV1 Datasheet HTML 2Page - Mimix Broadband XP1043-QH-EV1 Datasheet HTML 3Page - Mimix Broadband XP1043-QH-EV1 Datasheet HTML 4Page - Mimix Broadband XP1043-QH-EV1 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
12.0-16.0 GHz Power Amplifier
QFN, 4x4mm
32 dBm Saturated RF Power
41 dBm Output IP3 Linearity
17 dB Gain Control
On-Chip Power Detector
4x4mm Standard QFN Package
100% RF Testing
Features
Absolute Maximum Ratings1
Supply Voltage (Vd1,2,3)
Supply Current (Id1,2,3)
Gate Bias Voltage (Vg1,2,3)
Max Power Dissipation (Pdiss)
RF Input Power
Operating Temperature (Ta)
Storage Temperature (Tstg)
Channel Temperature (Tch)
+10.0V
1500 mA
-3V
8.0W
+19 dBm
-55 to +85 ºC
-65 to +150 ºC
-40 to MTTF Graph2
Page 1 of 5
(1) Operation of this device above any one of these parameters
may cause permanent damage.
(2) Channel temperature directly affects a device’s MTTF.
Channel temperature should be kept as low as possible to
maximize lifetime.
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Frequency Range (f )
Small Signal Gain (S21)
Input Return Loss (S11)
Output Return Loss (S22)
Reverse Isolation (S12)
P1dB
Psat
OIP3
Drain Bias Voltage (Vd1,2,3)
Detector Bias Voltage (Vdet,ref )
Gate Bias Voltage (Vg1,2,3)
Supply Current (Id1)
Supply Current (Id2)
Supply Current (Id3)
Units
GHz
dB
dB
dB
dB
dBm
dBm
dBm
VDC
VDC
VDC
mA
mA
mA
Min.
12.0
-2
Typ.
-
20.0
15.0
10.0
55.0
30.0
32.0
41.0
7.0
5.0
-1.0
100
200
400
Max.
16.0
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
P1043-QH
The XP1043-QH is a packaged linear power amplifier
that operates over the 12.0-16.0 GHz frequency band.
The device provides 20 dB gain and 41 dBm Output
Third Order Intercept Point (OIP3) across the band and
is offered in an industry standard, fully molded 4x4mm
QFN package. The packaged amplifier is comprised of
a three stage power amplifier with an integrated,
temperature compensated on-chip power detector.
The device includes on-chip ESD protection structures
and DC by-pass capacitors to ease the implementation
and volume assembly of the packaged part. The
device is manufactured in 0.5um GaAs PHEMT device
technology with BCB wafer coating to enhance
ruggedness and repeatability of performance.
XP1043-QH is well suited for Point-to-Point Radio,
LMDS, SATCOM and VSAT applications.
General Description
February 2008 - Rev 06-Feb-08


Similar Part No. - XP1043-QH-EV1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XP1043-QH-EV1 MA-COM-XP1043-QH-EV1 Datasheet
851Kb / 7P
   32 dBm Saturated RF Power
More results

Similar Description - XP1043-QH-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1042-QT MIMIX-XP1042-QT Datasheet
235Kb / 5P
   12.0-16.0 GHz Power Amplifier QFN, 3x3mm
XU1010-QH MIMIX-XU1010-QH Datasheet
847Kb / 1P
   16.0-36.0 GHz Up-Converter QFN, 4x4mm
XR1015-QH MIMIX-XR1015-QH Datasheet
465Kb / 9P
   10.0-16.0 GHz GaAs Receiver QFN, 4x4mm
XP1042-QT MIMIX-XP1042-QT_10 Datasheet
690Kb / 6P
   12.0-16.0 GHz Power Amplifier
XP1043-QH MIMIX-XP1043-QH_10 Datasheet
871Kb / 7P
   12.0-16.0 GHz Power Amplifier
XP1035-QH MIMIX-XP1035-QH_10 Datasheet
860Kb / 7P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1035-QH MIMIX-XP1035-QH Datasheet
855Kb / 6P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XU1019-QH MIMIX-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter QFN, 4x4mm
XR1011-QH MIMIX-XR1011-QH Datasheet
433Kb / 7P
   4.5-10.5 GHz GaAs Receiver QFN, 4x4mm
XB1009-QT MIMIX-XB1009-QT Datasheet
267Kb / 8P
   12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com