Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XP1048-QJ Datasheet(PDF) 4 Page - Mimix Broadband

Part No. XP1048-QJ
Description  3.3-3.8 GHz HFET 3W Linear Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo 

XP1048-QJ Datasheet(HTML) 4 Page - Mimix Broadband

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
December 2007 - Rev 03-Dec-07
P1048-QJ
Linear Power @ EVM = 2.5%, 3.5GHz
OFDM 802.16d, 64QAM, PAR =9dB
Vdd = 8V, 3.5GHz
18
19
20
21
22
23
24
25
26
27
28
300
350
400
450
500
550
600
650
700
750
800
Current (mA)
Output Power, Gain Vs Input Power
8V, 3.5GHz
25
26
27
28
29
30
31
32
33
34
35
10
12
14
16
18
20
22
24
Input Power (dBm)
11.60
11.80
12.00
12.20
12.40
12.60
12.80
13.00
13.20
Output Power
Gain
Output Power, Current Vs Input Power
Vdd 8V, 3.5GHz
25
26
27
28
29
30
31
32
33
34
35
10
12
14
16
18
20
22
24
Input Power (dBm)
500
550
600
650
700
750
800
850
900
950
1000
Output Power
Icc
OIP3, Icc, Gain Vs Output Power
Vdd = 8V, Idq = 550mA @ 3.5GHz
0
5
10
15
20
25
30
35
40
45
50
20
21
22
23
24
25
26
27
28
29
Output Power (dBm)
650
660
670
680
690
700
710
720
730
740
750
OIP3
Gain
Idd
OIP3
Idd
Gain
3.3-3.8 GHz HFET
3W Linear Power Amplifier
Typical Performance (cont.)
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
Swp Max
3.9GHz
Swp Min
3GHz
m2
m1
m1: 3.8 GHz
z Mag 11 Ohm
z Ang -13.8 Deg
m2: 3.3 GHz
z Mag 15.1 Ohm
z Ang -27.5 Deg
Gamma Opt Output


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn