Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XP1048-QJ Datasheet(PDF) 3 Page - Mimix Broadband

Part No. XP1048-QJ
Description  3.3-3.8 GHz HFET 3W Linear Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo 

XP1048-QJ Datasheet(HTML) 3 Page - Mimix Broadband

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
December 2007 - Rev 03-Dec-07
P1048-QJ
OIP3 Vs Frequency Vs Voltage
Idq = 720mA
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
3.20
3.30
3.40
3.50
3.60
3.70
3.80
3.90
Frequency (GHz)
5V
6V
7V
8V
9V
OIP3 Vs Frequency Vs Voltage
Idq = 620mA
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
3.20
3.30
3.40
3.50
3.60
3.70
3.80
3.90
Frequency (GHz)
5V
6V
7V
8V
9V
OIP3 Vs Frequency Vs Voltage
Idq = 480mA
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
3.20
3.30
3.40
3.50
3.60
3.70
3.80
3.90
Frequency (GHz)
5V
6V
7V
8V
9V
XP1048-QJ
P1dB Vs Frequency Vs Idq
8V, 3.5GHz
33.0
33.2
33.4
33.6
33.8
34.0
34.2
34.4
34.6
34.8
35.0
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
Frequency (GHz)
450mA
500mA
550mA
600mA
650mA
XP1048-QJ
OIP3 Vs Output Power Vs Idq
8V, 3.5GHz
44.0
44.5
45.0
45.5
46.0
46.5
47.0
47.5
48.0
20
21
22
23
24
25
26
27
28
29
Output Power (dBm)
500mA
525mA
550mA
575mA
600mA
625mA
650mA
675mA
XP1048-QJ
OIP3 Vs Bias Current (Idq)
8V, 3.5GHz
44.5
45.0
45.5
46.0
46.5
47.0
47.5
48.0
500
550
600
650
700
Icq (mA)
OIP3
3.3-3.8 GHz HFET
3W Linear Power Amplifier
Typical Performance (cont.)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn