Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1042-QT-0G0T Datasheet(PDF) 5 Page - Mimix Broadband

Part # XP1042-QT-0G0T
Description  12.0-16.0 GHz Power Amplifier QFN, 3x3mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1042-QT-0G0T Datasheet(HTML) 5 Page - Mimix Broadband

  XP1042-QT-0G0T Datasheet HTML 1Page - Mimix Broadband XP1042-QT-0G0T Datasheet HTML 2Page - Mimix Broadband XP1042-QT-0G0T Datasheet HTML 3Page - Mimix Broadband XP1042-QT-0G0T Datasheet HTML 4Page - Mimix Broadband XP1042-QT-0G0T Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
12.0-16.0 GHz Power Amplifier
QFN, 3x3mm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
P1042-QT
February 2008 - Rev 10-Feb-08
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or systems
without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life support devices or
systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to
perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a
significant injury to the user. (2) A critical component is any component of a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package compatible with high
volume solder installation. Vacuum tools or other suitable pick and place equipment may be used to pick and place this part. Care should be
taken to ensure that there are no voids or gaps in the solder connection so that good RF, DC and ground connections are maintained. Voids
or gaps can eventually lead not only to RF performance degradation, but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental requirements for
eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant components are form, fit
and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is 100% matte tin (Sn) over copper
alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as well as higher temperature (260°C
reflow) “Pb Free” processes.
Part Number for Ordering
Description
XP1042-QT-0G00
Matte Tin plated RoHS compliant 3x3 16L QFN surface mount package in bulk quantity
XP1042-QT-0G0T
Matte Tin plated RoHS compliant 3x3 16L QFN surface mount package in tape and reel
XP1042-QT-EV1
XP1042-QT evaluation board
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-
products are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with
methods specified by applicable hazardous waste procedures.
Typical Reflow Profiles
Reflow Profile
Ramp Up Rate
Activation Time and Temperature
Time Above Melting Point
Max Peak Temperature
Time Within 5 ºC of Peak
Ramp Down Rate
SnPb
3-4 ºC/sec
60-120 sec @ 140-160 ºC
60-150 sec
240 ºC
10-20 sec
4-6 ºC/sec
Pb Free
3-4 ºC/sec
60-180 sec @ 170-200 ºC
60-150 sec
265 ºC
10-20 sec
4-6 ºC/sec
Factory Automation and Identification
Mimix
Designator
-QT
Package
Type
QFN (3x3mm)
P
1 Component
Pitch
8mm
P
0 Hole
Pitch
4mm
W Tape
Width
12mm
Number of
leads offered
16
Reel
Diameter
329mm (13in)
Units
per Reel
2000
Component Orientation:
Parts are to be oriented with the PIN 1 closest to the tape's round sprocket holes on the tape’s trailing edge.
Note: Tape and Reel packaging is ordered with a -000T suffix. Package is available in 500 unit reels through designated sales channels.
Minimum order quantities should be discussed with your local sales representative.
Ordering Information
Caution: ESD Sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
Proper ESD procedures should be followed when handling this device.


Similar Part No. - XP1042-QT-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1042-QT MIMIX-XP1042-QT Datasheet
690Kb / 6P
   12.0-16.0 GHz Power Amplifier
logo
M/A-COM Technology Solu...
XP1042-QT MA-COM-XP1042-QT Datasheet
763Kb / 6P
   Power Amplifier
logo
Mimix Broadband
XP1042-QT MIMIX-XP1042-QT_10 Datasheet
690Kb / 6P
   12.0-16.0 GHz Power Amplifier
logo
M/A-COM Technology Solu...
XP1042-QT MA-COM-XP1042-QT_15 Datasheet
763Kb / 6P
   Power Amplifier
More results

Similar Description - XP1042-QT-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1043-QH MIMIX-XP1043-QH Datasheet
366Kb / 5P
   12.0-16.0 GHz Power Amplifier QFN, 4x4mm
XP1042-QT MIMIX-XP1042-QT_10 Datasheet
690Kb / 6P
   12.0-16.0 GHz Power Amplifier
XP1043-QH MIMIX-XP1043-QH_10 Datasheet
871Kb / 7P
   12.0-16.0 GHz Power Amplifier
XB1009-QT MIMIX-XB1009-QT Datasheet
267Kb / 8P
   12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
logo
M/A-COM Technology Solu...
XP1042-BD MA-COM-XP1042-BD Datasheet
345Kb / 1P
   12.0-16.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1042-BD MIMIX-XP1042-BD Datasheet
393Kb / 1P
   12.0-16.0 GHz GaAs MMIC
XL1010-QT MIMIX-XL1010-QT Datasheet
286Kb / 5P
   20.0-38.0 GHz GaAs MMIC Low Noise Amplifier, 3x3mm QFN
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
logo
Mimix Broadband
XU1010-QH MIMIX-XU1010-QH Datasheet
847Kb / 1P
   16.0-36.0 GHz Up-Converter QFN, 4x4mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com