Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1042-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1042-QT
Description  12.0-16.0 GHz Power Amplifier QFN, 3x3mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1042-QT Datasheet(HTML) 2 Page - Mimix Broadband

  XP1042-QT Datasheet HTML 1Page - Mimix Broadband XP1042-QT Datasheet HTML 2Page - Mimix Broadband XP1042-QT Datasheet HTML 3Page - Mimix Broadband XP1042-QT Datasheet HTML 4Page - Mimix Broadband XP1042-QT Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Amplifier Measurements
Page 2 of 5
12.0-16.0 GHz Power Amplifier
QFN, 3x3mm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
P1042-QT
February 2008 - Rev 10-Feb-08
XP1042-QT: S-parameters
VDD=5V, ID1=125mA, ID2=125mA, ID3=250mA
-20
-15
-10
-5
0
5
10
15
20
25
10
11
12
13
14
15
16
17
18
19
20
Freq (GHz)
|S21| dB
|S11| dB
|S22| dB
XP1042-QT: Pout (dBm) vs. Pin (dBm)
VDD=5V, ID1=125mA, ID2=125mA, ID3=250mA
0
5
10
15
20
25
30
-20
-15
-10
-5
0
5
10
15
Power In (dBm)
Freq = 13 GHz
Freq = 13.5 GHz
Freq = 14 GHz
Freq = 14.5 GHz
Freq = 15 GHz
Freq = 15.5 GHz
XP1042-QT: C/I3 (dBc) vs. Pout per Tone (dBm)
10MHz tone separation. 5V, 500mA
30
35
40
45
50
55
60
65
70
75
2
4
6
8
10
12
14
16
Pout per Tone (dBm)
Freq = 12.5 GHz
Freq = 13 GHz
Freq = 13.5 GHz
Freq = 14 GHz
Freq = 14.5 GHz
Freq = 15 GHz
Freq = 15.5 GHz


Similar Part No. - XP1042-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1042-QT MIMIX-XP1042-QT Datasheet
690Kb / 6P
   12.0-16.0 GHz Power Amplifier
logo
M/A-COM Technology Solu...
XP1042-QT MA-COM-XP1042-QT Datasheet
763Kb / 6P
   Power Amplifier
logo
Mimix Broadband
XP1042-QT MIMIX-XP1042-QT_10 Datasheet
690Kb / 6P
   12.0-16.0 GHz Power Amplifier
logo
M/A-COM Technology Solu...
XP1042-QT MA-COM-XP1042-QT_15 Datasheet
763Kb / 6P
   Power Amplifier
More results

Similar Description - XP1042-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1043-QH MIMIX-XP1043-QH Datasheet
366Kb / 5P
   12.0-16.0 GHz Power Amplifier QFN, 4x4mm
XP1042-QT MIMIX-XP1042-QT_10 Datasheet
690Kb / 6P
   12.0-16.0 GHz Power Amplifier
XP1043-QH MIMIX-XP1043-QH_10 Datasheet
871Kb / 7P
   12.0-16.0 GHz Power Amplifier
XB1009-QT MIMIX-XB1009-QT Datasheet
267Kb / 8P
   12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
logo
M/A-COM Technology Solu...
XP1042-BD MA-COM-XP1042-BD Datasheet
345Kb / 1P
   12.0-16.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1042-BD MIMIX-XP1042-BD Datasheet
393Kb / 1P
   12.0-16.0 GHz GaAs MMIC
XL1010-QT MIMIX-XL1010-QT Datasheet
286Kb / 5P
   20.0-38.0 GHz GaAs MMIC Low Noise Amplifier, 3x3mm QFN
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
logo
Mimix Broadband
XU1010-QH MIMIX-XU1010-QH Datasheet
847Kb / 1P
   16.0-36.0 GHz Up-Converter QFN, 4x4mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com