Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1005-QD-EV1 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XR1005-QD-EV1
Description  19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1005-QD-EV1 Datasheet(HTML) 1 Page - Mimix Broadband

  XR1005-QD-EV1 Datasheet HTML 1Page - Mimix Broadband XR1005-QD-EV1 Datasheet HTML 2Page - Mimix Broadband XR1005-QD-EV1 Datasheet HTML 3Page - Mimix Broadband XR1005-QD-EV1 Datasheet HTML 4Page - Mimix Broadband XR1005-QD-EV1 Datasheet HTML 5Page - Mimix Broadband XR1005-QD-EV1 Datasheet HTML 6Page - Mimix Broadband XR1005-QD-EV1 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 12-Aug-07
Mimix Broadband
’s 19.0-26.0 GHz GaAs packaged receiver has a
noise figure of 3.0 dB and 20.0 dB image rejection across the band.
This device is a two stage balanced LNA followed by an image reject
sub-harmonic anti-parallel diode mixer and includes an integrated
LO buffer amplifer. The image reject mixer eliminates the need for a
bandpass filter after the LNA to remove thermal noise at the image
frequency. The use of a sub-harmonic mixer makes the provision of
the LO easier than for fundamental mixers at these frequencies. I and
Q mixer outputs are provided and an external 90 degree hybrid is
required to select the desired sideband. This device uses Mimix
Broadband
’s 0.15 µm GaAs PHEMT device model technology, and is
based upon electron beam lithography to ensure high repeatability
and uniformity. The device comes in a 7x7 mm QFN Surface Mount
Laminate Package offering excellent RF and thermal properties and
is RoHS compliant. This device is well suited for Millimeter-wave
Point-to-Point Radio, LMDS, SATCOM and VSAT applications.
19.0-26.0 GHz GaAs Receiver
QFN, 7x7 mm
Page 1 of 7
Sub-harmonic Receiver
Integrated LNA, LO Buffer, Image Reject Mixer
7x7 mm, QFN
+2.0 dBm LO Drive Level
3.0 dB Noise Figure
20.0 dB Image Rejection
100% On-Wafer RF, DC and Noise Figure Testing
Features
General Description
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1,Id2)
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+4.5 VDC
180, 165 mA
+0.3 VDC
0.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
(3) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
3
3
Electrical Characteristics (AmbientTemperatureT = 25o C)
Units
GHz
GHz
GHz
GHz
dB
dB
dBm
dBc
dB
dB
dBm
VDC
VDC
VDC
mA
mA
Min.
19.0
19.0
8.0
DC
-
-
-
-
-
-
-
-
-
-1.2
-
-
Typ.
-
-
-
-
12.0
8.0
+2.0
20.0
3.0
40.0
-7.0
+4.0
+4.0
-0.3
130
116
Max.
26.0
26.0
14.5
3.0
-
-
-
-
-
-
-
+4.5
+4.5
+0.1
155
140
Parameter
Frequency Range (RF) Upper Side Band
Frequency Range (RF) Lower Side Band
Frequency Range (LO)
Frequency Range (IF)
Input Return Loss RF (S11)
Small Signal Conversion Gain RF/IF (S21)2
LO Input Drive (PLO)
Image Rejection2
Noise Figure (NF)2
Isolation LO/RF @ LOx1/LOx2
Input Third Order Intercept (IIP3)1,2
Drain Bias Voltage (Vd1)
Drain Bias Voltage (Vd2)
Gate Bias Voltage (Vg1,2)
Supply Current (Id1) (Vd1=4.0V, Vg=-0.3V Typical)
Supply Current (Id2) (Vd2=4.0V,Vg=-0.3V Typical)
(1) Measured using constant current.
(2) Measured using LO Input drive level of +2.0 dBm.
R1005-QD


Similar Part No. - XR1005-QD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1005-QD-EV1 MIMIX-XR1005-QD-EV1 Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
More results

Similar Description - XR1005-QD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1005-QD MIMIX-XR1005-QD Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XU1003-QD MIMIX-XU1003-QD Datasheet
322Kb / 6P
   19.0-26.0 GHz GaAs Transmitter QFN, 7x7mm
XR1005 MIMIX-XR1005 Datasheet
346Kb / 9P
   19.0-26.0 GHz GaAs MMIC Receiver
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB MIMIX-XR1002-QB Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD MIMIX-XR1006-QD Datasheet
690Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD_0708 MIMIX-XR1006-QD_0708 Datasheet
656Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com