Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1002-BD-000V Datasheet(PDF) 2 Page - Mimix Broadband

Part # XU1002-BD-000V
Description  18.0-25.0 GHz GaAs MMIC Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1002-BD-000V Datasheet(HTML) 2 Page - Mimix Broadband

  XU1002-BD-000V Datasheet HTML 1Page - Mimix Broadband XU1002-BD-000V Datasheet HTML 2Page - Mimix Broadband XU1002-BD-000V Datasheet HTML 3Page - Mimix Broadband XU1002-BD-000V Datasheet HTML 4Page - Mimix Broadband XU1002-BD-000V Datasheet HTML 5Page - Mimix Broadband XU1002-BD-000V Datasheet HTML 6Page - Mimix Broadband XU1002-BD-000V Datasheet HTML 7Page - Mimix Broadband XU1002-BD-000V Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
Transmitter Measurements
18.0-25.0 GHz GaAs MMIC
Transmitter
XU1002-BD Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, USB
LO=+2.0 dBm, IF=2.0 GHz, RF=-15.0 dBm, ~120 Devices
5
6
7
8
9
10
11
12
13
14
15
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XU1002-BD Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, USB
LO=+2.0 dBm, IF=2.0 GHz, RF=-15.0 dBm, ~120 Devices
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
16.017.018.019.020.021.022.023.024.025.0
26.0
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XU1002-BD Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, LSB
LO=+2.0 dBm, IF=2.0 GHz, RF=-15.0 dBm, ~120 Devices
5
6
7
8
9
10
11
12
13
14
15
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XU1002-BD Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, LSB
LO=+2.0 dBm, IF=2.0 GHz, RF=-15.0 dBm, ~120 Devices
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XU1002-BD Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, USB/LSB
LO=+2.0 dBm, IF=2.0 GHz, RF=-15.0 dBm, ~130 Devices
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XU1002-BD Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, USB/LSB
LO=+2.0 dBm, IF=2.0 GHz, RF=-15.0 dBm, ~130 Devices
-60
-50
-40
-30
-20
-10
0
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
2xLO Frequency (GHz)
Max
Median
Mean
-3sigma
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 20-Aug-07
U1002-BD


Similar Part No. - XU1002-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1002-QD MIMIX-XU1002-QD Datasheet
318Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD MIMIX-XU1002-QD Datasheet
319Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD-0N00 MIMIX-XU1002-QD-0N00 Datasheet
318Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD-0N00 MIMIX-XU1002-QD-0N00 Datasheet
319Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD-0N0T MIMIX-XU1002-QD-0N0T Datasheet
318Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
More results

Similar Description - XU1002-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1002 MIMIX-XU1002 Datasheet
375Kb / 8P
   18.0-25.0 GHz GaAs MMIC Transmitter
XR1006-BD MIMIX-XR1006-BD Datasheet
208Kb / 7P
   18.0-25.0 GHz GaAs MMIC Receiver
XR1006 MIMIX-XR1006 Datasheet
352Kb / 7P
   18.0-25.0 GHz GaAs MMIC Receiver
XU1005-BD MIMIX-XU1005-BD Datasheet
363Kb / 8P
   10.0-18.0 GHz GaAs MMIC Transmitter
XU1009-BD_0707 MIMIX-XU1009-BD_0707 Datasheet
282Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
XU1009-BD MIMIX-XU1009-BD Datasheet
281Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
14TX0614 MIMIX-14TX0614 Datasheet
174Kb / 8P
   10.0-18.0 GHz GaAs MMIC Transmitter
26TX0555 MIMIX-26TX0555 Datasheet
292Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
CMM4000 MIMIX-CMM4000_09 Datasheet
276Kb / 9P
   2.0-18.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XU1009-BD MA-COM-XU1009-BD Datasheet
277Kb / 9P
   18.0-36.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com