Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XM1001-QH-0G00 Datasheet(PDF) 2 Page - Mimix Broadband

Part # XM1001-QH-0G00
Description  10.0-33.0 GHz Image Reject Mixer QFN, 4x4 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1001-QH-0G00 Datasheet(HTML) 2 Page - Mimix Broadband

  XM1001-QH-0G00 Datasheet HTML 1Page - Mimix Broadband XM1001-QH-0G00 Datasheet HTML 2Page - Mimix Broadband XM1001-QH-0G00 Datasheet HTML 3Page - Mimix Broadband XM1001-QH-0G00 Datasheet HTML 4Page - Mimix Broadband XM1001-QH-0G00 Datasheet HTML 5Page - Mimix Broadband XM1001-QH-0G00 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mixer Measurements
Page 2 of 6
M1001-QH
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
November 2007 - Rev 20-Nov-07
10.0-33.0 GHz Image Reject Mixer
QFN, 4x4 mm
XM1001-QH: USB Conversion Gain (dB)
(VG=-0.5V, P_RF=-10 dBm, P_LO=15 dBm)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
10
15
20
25
30
35
40
RF(GHz) [IF=2GHz]
USB-+25C
USB_+75C
USB_-40C
XM1001-QH: LSB Conversion Gain (dB)
(VG=-0.5V, P_RF=-10 dBm, P_LO=15 dBm)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
10
15
20
25
30
35
40
RF(GHz) [IF=2GHz]
LSB_+25C
LSB_+75C
LSB_-40C
XM1001-QH: USB Image Rejection (dBc)
(VG=-0.5V, P_RF=-10 dBm, P_LO=15 dBm)
-40
-35
-30
-25
-20
-15
-10
-5
0
10
15
20
25
30
35
40
RF(GHz) [IF=2GHz]
USB-+25C
USB_+75C
USB_-40C
XM1001-QH: LSB Image Rejection (dBc)
(VG=-0.5V, P_RF=-10 dBm, P_LO=15 dBm)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
RF(GHz) [IF=2GHz]
LSB_+25C
LSB_+75C
LSB_-40C
XM1001-QH: USB IIP3 (dBm)
Vg = 0.5V, PLO = 15 dBm, 5dBm/tone, ? f=10 MHz
0
5
10
15
20
25
30
35
40
10
15
20
25
30
35
40
RF (GHz) [IF=2GHz]
USB_+25C
USB_-40C
USB_+75C
XM1001-QH: LSB IIP3 (dBm)
Vg = 0.5V, PLO = 15 dBm, 5dBm/tone, ? f=10 MHz
0
5
10
15
20
25
30
35
40
10
15
20
25
30
35
40
RF (GHz) [IF=2GHz]
LSB_+25C
LSB_-40C
LSB_+75C


Similar Part No. - XM1001-QH-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1001-QH-0G00 MIMIX-XM1001-QH-0G00 Datasheet
290Kb / 5P
   10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm
More results

Similar Description - XM1001-QH-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1001-QH MIMIX-XM1001-QH Datasheet
290Kb / 5P
   10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6530 AVAGO-AMMC-6530 Datasheet
785Kb / 8P
   5??0 GHz Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6530 AVAGO-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
logo
Peregrine Semiconductor
PE41901 PSEMI-PE41901 Datasheet
541Kb / 21P
   Image Reject Mixer, 10??9 GHz
logo
Broadcom Corporation.
AMMP-6530 BOARDCOM-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
DEMO-AMMP-6530 BOARDCOM-DEMO-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
logo
Agilent(Hewlett-Packard...
AMMP-6530 HP-AMMP-6530 Datasheet
254Kb / 10P
   5-30 GHz Image Reject Mixer
logo
Broadcom Corporation.
AMMC-6530 BOARDCOM-AMMC-6530 Datasheet
785Kb / 8P
   5??0 GHz Image Reject Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com