Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL1000-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # XL1000-BD
Description  20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1000-BD Datasheet(HTML) 1 Page - Mimix Broadband

  XL1000-BD Datasheet HTML 1Page - Mimix Broadband XL1000-BD Datasheet HTML 2Page - Mimix Broadband XL1000-BD Datasheet HTML 3Page - Mimix Broadband XL1000-BD Datasheet HTML 4Page - Mimix Broadband XL1000-BD Datasheet HTML 5Page - Mimix Broadband XL1000-BD Datasheet HTML 6Page - Mimix Broadband XL1000-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
General Description
Parameter
Units
GHz
dB
dB
dB
dB
dB
dB
dBm
dBm
VDC
mA
Min.
20.0
6.0
4.0
12.0
-
30.0
-
-
-
-
-
Typ.
-
12.0
10.0
20.0
+/-4.0
45.0
2.0
+9.0
+16.0
+3.0
35
Max.
40.0
-
-
-
-
-
-
-
-
+5.0
50
Supply Voltage (Vd)
Supply Current (Id)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+7.0 VDC
70 mA
+12 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Mimix Broadband’s three stage 20.0-40.0 GHz GaAs
MMIC low noise amplifier has a small signal gain of 20.0
dB with a noise figure of 2.0 dB across the band. This
MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT
device model technology, and is based upon electron
beam lithography to ensure high repeatability and
uniformity. The chip has surface passivation to protect
and provide a rugged part with backside via holes and
gold metallization to allow either a conductive epoxy
or eutectic solder die attach process. This device is well
suited for Millimeter-wave Point-to-Point Radio, LMDS,
SATCOM and VSAT applications.
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Absolute Maximum Ratings
Frequency Range (f )
Input Return Loss (S11) @ 22.0-36.0 GHz
Output Return Loss (S22) @ 22.0-36.0 GHz
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Noise Figure (NF) @ 24.0-40.0 GHz
Output Power for 1 dB Compression (P1dB)
Output Third Order Intercept Point (OIP3)
Drain Bias Voltage (Vd)
Supply Current (Id) (Vd=3.0V or 5.0V)
(2) Unless otherwise indicated min/max over 20.0-40.0 GHz and biased at Vd=5V, Id=50mA.
2
2
2
2
2
20.0-40.0 GHz GaAs MMIC
Low Noise Amplifier
Features
Self Bias Architecture
Small Size
3.0 or 5.0 V Operation
20.0 dB Small Signal Gain
2.0 dB Noise Figure
+9.0 dBm P1dB Compression Point
100% On-Wafer RF, DC and Noise Figure Testing
100% Visual Inspection to MIL-STD-883
Method 2010
July 2007 - Rev 24-Jul-07
L1000-BD


Similar Part No. - XL1000-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1000-BD MIMIX-XL1000-BD Datasheet
1Mb / 7P
   20.0-40.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XL1000-BD MA-COM-XL1000-BD Datasheet
883Kb / 9P
   Low Noise Amplifier
XL1000-BD-000V MA-COM-XL1000-BD-000V Datasheet
898Kb / 10P
   Low Noise Amplifier
XL1000-BD-EV1 MA-COM-XL1000-BD-EV1 Datasheet
898Kb / 10P
   Low Noise Amplifier
logo
Mimix Broadband
XL1000-BD MIMIX-XL1000-BD_10 Datasheet
1Mb / 7P
   20.0-40.0 GHz GaAs MMIC
More results

Similar Description - XL1000-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1000 MIMIX-XL1000 Datasheet
953Kb / 7P
   20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1000-BD MIMIX-XL1000-BD_10 Datasheet
1Mb / 7P
   20.0-40.0 GHz GaAs MMIC
XL1003-BD MIMIX-XL1003-BD Datasheet
175Kb / 6P
   24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1003 MIMIX-XL1003 Datasheet
174Kb / 6P
   24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1005 MIMIX-XL1005 Datasheet
153Kb / 6P
   5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
XL1005-BD MIMIX-XL1005-BD Datasheet
153Kb / 6P
   5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
XL1002 MIMIX-XL1002 Datasheet
852Kb / 8P
   20.0-36.0 GHz GaAs MMIC Low Noise Amplifier
XL1002-BD MIMIX-XL1002-BD Datasheet
583Kb / 8P
   20.0-36.0 GHz GaAs MMIC Low Noise Amplifier
XL1010-BD MIMIX-XL1010-BD Datasheet
1Mb / 1P
   20.0-38.0 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com