Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMQ1631-QH Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMQ1631-QH
Description  13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMQ1631-QH Datasheet(HTML) 5 Page - Mimix Broadband

  CMQ1631-QH_07 Datasheet HTML 1Page - Mimix Broadband CMQ1631-QH_07 Datasheet HTML 2Page - Mimix Broadband CMQ1631-QH_07 Datasheet HTML 3Page - Mimix Broadband CMQ1631-QH_07 Datasheet HTML 4Page - Mimix Broadband CMQ1631-QH_07 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
Handling and Assembly Information
CAUTION!
- Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human
body and the environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product. This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy
- Mimix Broadband's products are not authorized for use as critical components in life support
devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As
used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions
for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected
to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Package Attachment
- This packaged product from Mimix Broadband is provided as a rugged surface mount package
compatible with high volume solder installation. Care should be taken not to apply heavy pressure to the top or base
material to avoid package damage. Vacuum tools or other suitable pick and place equipment may be used to pick and
place this part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF,
DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation,
but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program -
Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix
RoHS compliant components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of
our RoHS compliant parts is 100% matte tin (Sn) over copper alloy and is backwards compatible with current standard
SnPb low-temperature reflow processes as well as higher temperature (260°C reflow) “Pb Free” processes.
Part Numbering Designator -
For Mimix/Celeritek lead-free products, the letter “G” will be used in the part number for
Matte Tin finished RoHSCompliant components and “L” will be used in the part number of NiPdAu finished RoHS
Compliant components in the second position of the part number suffix, as shown below:
Example A: CXX1234-XX-0G00 = component bulk quantity Matte Tin finished RoHScompliant parts
Example B: CXX1234-XX-0L0T = component in tape and reel NiPdAu finished RoHS parts
For those customers not making the change at this time, Mimix/Celeritek will maintain production of current
configurations. For questions and comments e-mail: ourearth@mimixbroadband.com.
13 - 18 GHz
0.5W QFN Plastic Packaged Power Amplifier
CMQ1631-QH
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 27-Feb-07


Similar Part No. - CMQ1631-QH_07

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMQ1631-QH-0G00 MIMIX-CMQ1631-QH-0G00 Datasheet
332Kb / 5P
   13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
CMQ1631-QH-0G0T MIMIX-CMQ1631-QH-0G0T Datasheet
332Kb / 5P
   13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
More results

Similar Description - CMQ1631-QH_07

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMQ1631-QH MIMIX-CMQ1631-QH Datasheet
332Kb / 5P
   13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH MIMIX-CMQ1332-QH Datasheet
554Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1432-QH MIMIX-CMQ1432-QH_08 Datasheet
776Kb / 7P
   13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH MIMIX-CMQ1332-QH_07 Datasheet
580Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1432-QH MIMIX-CMQ1432-QH Datasheet
779Kb / 7P
   13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
logo
Qorvo, Inc
TGA2514N-FL QORVO-TGA2514N-FL Datasheet
535Kb / 10P
   13 ??18 GHz Power Amplifier
logo
Filtronic Compound Semi...
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
   Packaged 0.5W Power PHEMT
FPD750P100 FILTRONIC-FPD750P100 Datasheet
182Kb / 3P
   0.5W PACKAGED POWER PHEMT
logo
Transcom, Inc.
TA020-180-20-10 TRANSCOM-TA020-180-20-10 Datasheet
33Kb / 1P
   2 - 18 GHz 13 dBm Amplifier
logo
Tyco Electronics
MAAPGM0028 MACOM-MAAPGM0028 Datasheet
213Kb / 5P
   2.0-6.5 GHz 0.5W Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com