Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMQ1631-QH Datasheet(PDF) 3 Page - Mimix Broadband

Part No. CMQ1631-QH
Description  13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMQ1631-QH Datasheet(HTML) 3 Page - Mimix Broadband

  CMQ1631-QH_07 Datasheet HTML 1Page - Mimix Broadband CMQ1631-QH_07 Datasheet HTML 2Page - Mimix Broadband CMQ1631-QH_07 Datasheet HTML 3Page - Mimix Broadband CMQ1631-QH_07 Datasheet HTML 4Page - Mimix Broadband CMQ1631-QH_07 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Typical Performance
13 - 18 GHz
0.5W QFN Plastic Packaged Power Amplifier
CMQ1631-QH
CMQ1631-QH
S11
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
15.5
16
16.5
17
17.5
18
18.5
19
19.5
20
Freq (GHz)
S1 1 6 V
S1 1 7 V
S1 1 8 V
CMQ1631-QH
S22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
15.5
16
16.5
17
17.5
18
18.5
19
19.5
20
Freq (GHz)
S 22 6V
S 22 7V
S 22 8V
CMQ1631-QH
S12
-40
-30
-20
-10
0
10
20
30
40
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
15.5
16
16.5
17
17.5
18
18.5
19
19.5
20
Freq (GHz)
S 12_ 6V
S 12_ 7V
S 12_ 8V
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 27-Feb-07


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn