Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-P483UY2C Datasheet(PDF) 4 Page - A-BRIGHT Inc

Part # AL-P483UY2C
Description  4.8mm LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-P483UY2C Datasheet(HTML) 4 Page - A-BRIGHT Inc

  AL-P483UY2C Datasheet HTML 1Page - A-BRIGHT Inc AL-P483UY2C Datasheet HTML 2Page - A-BRIGHT Inc AL-P483UY2C Datasheet HTML 3Page - A-BRIGHT Inc AL-P483UY2C Datasheet HTML 4Page - A-BRIGHT Inc AL-P483UY2C Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-P483UY2C
Diff No.
4.8 mm
Type : LED Lamps
2006/9/20
4


Similar Part No. - AL-P483UY2C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-P483UGC A-BRIGHT-AL-P483UGC Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
More results

Similar Description - AL-P483UY2C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-P483IC A-BRIGHT-AL-P483IC Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483UGC A-BRIGHT-AL-P483UGC Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483OR1C A-BRIGHT-AL-P483OR1C Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483BC A-BRIGHT-AL-P483BC Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483W2C A-BRIGHT-AL-P483W2C Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
logo
Everlight Electronics C...
A593B-2SUR-S530-A3 EVERLIGHT-A593B-2SUR-S530-A3 Datasheet
124Kb / 7P
   4.8mm Round Type LED Lamps
A593B-2UY-S530-A3 EVERLIGHT-A593B-2UY-S530-A3 Datasheet
128Kb / 7P
   4.8mm Round Type LED Lamps
logo
Lucky Light Electronic
GB-313 LUCKY-LIGHT-GB-313 Datasheet
41Kb / 1P
   Round Type Flangeless LED Lamps (4.8mm)
logo
A-BRIGHT Inc
AA-483HD-502 A-BRIGHT-AA-483HD-502 Datasheet
242Kb / 5P
   4.8mm LED Assembly
2009/2/27
logo
OptoSupply Internationa...
OSV5YL56A1A OPTOSUPPLY-OSV5YL56A1A_12 Datasheet
111Kb / 1P
   4.8mm Straw Violet LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com