Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM0511-QT-0G00 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM0511-QT-0G00
Description  5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0511-QT-0G00 Datasheet(HTML) 2 Page - Mimix Broadband

  CMM0511-QT-0G00 Datasheet HTML 1Page - Mimix Broadband CMM0511-QT-0G00 Datasheet HTML 2Page - Mimix Broadband CMM0511-QT-0G00 Datasheet HTML 3Page - Mimix Broadband CMM0511-QT-0G00 Datasheet HTML 4Page - Mimix Broadband CMM0511-QT-0G00 Datasheet HTML 5Page - Mimix Broadband CMM0511-QT-0G00 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
Driver Amplifier Measurements
5.0-14.0 GHz GaAs MMIC
Packaged Driver Amplifier
CMM0511-QT
CMM0511-QT, Small Signal, 6V, 102mA
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
02
46
8
10
12
14
16
18
20
Frequency (GHz)
S21
S11
S12
S22
CMM0511-QT
Gain Vs Frequency Vs Voltage
10
12
14
16
18
20
22
24
26
4
6
8
1012
1416
Frequency (GHz)
S21 (4V)
S21 (5V)
S21 (6V)
Input Return Loss Vs Frequency Vs Voltage
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
4
6
8
101214
16
Frequency (GHz)
S11 (4V)
S11 (5V)
S11 (6V)
Output Return Loss Vs Frequency Vs Voltage
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
4
6
8
101214
16
Frequency (GHz)
S22 (4V)
S22 (5V)
S22 (6V)
Pout Vs Pin
0
2
4
6
8
10
12
14
16
18
20
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
Pin (dBm)
5GHz
7GHz
9GHz
11GHz
13GHz
14GHz
Vd = 5V, 90mA
0
2
4
6
8
10
12
14
16
18
20
4
5
6
7
8
9
10
11
12
13
14
15
Frequency (GHz)
Psat
CMM0511-QT
CMM0511-QT
CMM0511-QT
CMM0511-QT
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2008 - Rev 03-Feb-08


Similar Part No. - CMM0511-QT-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0511-QT-0G00 MIMIX-CMM0511-QT-0G00 Datasheet
446Kb / 6P
   5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
More results

Similar Description - CMM0511-QT-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0511-QT MIMIX-CMM0511-QT Datasheet
446Kb / 6P
   5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM0511-QT MIMIX-CMM0511-QT_10 Datasheet
1Mb / 6P
   5.0-14.0 GHz GaAs MMIC
CMM9000-QT MIMIX-CMM9000-QT Datasheet
1Mb / 11P
   1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM2000-QT MIMIX-CMM2000-QT Datasheet
1Mb / 11P
   1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM1118-QT MIMIX-CMM1118-QT_07 Datasheet
591Kb / 6P
   11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM1118-QT MIMIX-CMM1118-QT Datasheet
866Kb / 6P
   11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
logo
M/A-COM Technology Solu...
CMM0511-QT MA-COM-CMM0511-QT Datasheet
1Mb / 6P
   5.0-14.0 GHz GaAs MMICPackaged
logo
Mimix Broadband
XB1009-BD MIMIX-XB1009-BD Datasheet
273Kb / 7P
   14.0-30.0 GHz GaAs MMIC Buffer Amplifier
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
   GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
logo
Tyco Electronics
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
   GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com