Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-HUB36D Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AL-HUB36D
Description  Super Red SMD Chip LED Lamps (0.8mm Height)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-HUB36D Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AL-HUB36D Datasheet HTML 1Page - A-BRIGHT Inc AL-HUB36D Datasheet HTML 2Page - A-BRIGHT Inc AL-HUB36D Datasheet HTML 3Page - A-BRIGHT Inc AL-HUB36D Datasheet HTML 4Page - A-BRIGHT Inc AL-HUB36D Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2007/3/14
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
Part Number: AL-HUB36D
ELECTRO-OPTICAL CHARACTERISTICS
(TA=25℃)
Parameter
Test
Condition Symbol Value
Unit
Viewing angle at 50% IV
IF=10mA
2θ1/2
120
Deg
(Typ.)
Forward voltage
(Max.)
IF=20mA
VF
2.10
2.60
V
(Min.)
Luminous intensity
(Typ.)
IF=20mA
IV
28.0
50.0
mcd
Wavelength
IF=20mA
λ
p
λd
645
632
±5
nm
Spectral Line Half-Width
IF=20mA
λ
30
nm
Peak pulsing current (1/10 duty f=1kHz)
IFP
100
mA
Absolute maximum ratings
(TA=25℃)
Parameter
Symbol
Value
Unit
Forward current
IF
30
mA
Reverse voltage
VR
5
V
Reverse current
IR
100
µA
Power Dissipation
PD
100
mW
Operating temperature range
Top
-25 ~+80
Storage temperature range
Tstg
-30 ~+85
Lead soldering temperature
260℃ For 5 Seconds


Similar Part No. - AL-HUB36D

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HUB36D A-BRIGHT-AL-HUB36D_09 Datasheet
207Kb / 5P
   0603 Package Red SMD Chip LED Lamps (0.8mm Height)
More results

Similar Description - AL-HUB36D

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HKB36D A-BRIGHT-AL-HKB36D Datasheet
340Kb / 5P
   Super Yellow SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HJF36D A-BRIGHT-AL-HJF36D Datasheet
339Kb / 5P
   Super Amber SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HUB36D A-BRIGHT-AL-HUB36D_09 Datasheet
207Kb / 5P
   0603 Package Red SMD Chip LED Lamps (0.8mm Height)
AL-HGE36D A-BRIGHT-AL-HGE36D Datasheet
340Kb / 5P
   Super Yellow Green SMD Chip LED Lamps (0.8mm Height)
2006/12/5
AL-HUB33 A-BRIGHT-AL-HUB33 Datasheet
340Kb / 5P
   Super Red SMD Chip LED Lamps
2007/3/14
AL-HUB33A A-BRIGHT-AL-HUB33A Datasheet
341Kb / 5P
   Super Red SMD Chip LED Lamps
2007/3/14
AL-HUB35A A-BRIGHT-AL-HUB35A Datasheet
344Kb / 5P
   Super Red SMD Chip LED Lamps (1.0mm Height)
2007/3/14
AL-HUB36A A-BRIGHT-AL-HUB36A Datasheet
338Kb / 5P
   Super Red SMD Chip LED Lamps (0.6mm Height)
2007/3/14
AL-HB436D A-BRIGHT-AL-HB436D Datasheet
339Kb / 5P
   0603 Package Super Blue SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HG636D A-BRIGHT-AL-HG636D Datasheet
339Kb / 5P
   Green SMD Chip LED Lamps (0.8mm Height)
2006/10/11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com