Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM2000-QT-0G00 Datasheet(PDF) 8 Page - Mimix Broadband

Part # CMM2000-QT-0G00
Description  1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2000-QT-0G00 Datasheet(HTML) 8 Page - Mimix Broadband

Back Button CMM2000-QT-0G00 Datasheet HTML 3Page - Mimix Broadband CMM2000-QT-0G00 Datasheet HTML 4Page - Mimix Broadband CMM2000-QT-0G00 Datasheet HTML 5Page - Mimix Broadband CMM2000-QT-0G00 Datasheet HTML 6Page - Mimix Broadband CMM2000-QT-0G00 Datasheet HTML 7Page - Mimix Broadband CMM2000-QT-0G00 Datasheet HTML 8Page - Mimix Broadband CMM2000-QT-0G00 Datasheet HTML 9Page - Mimix Broadband CMM2000-QT-0G00 Datasheet HTML 10Page - Mimix Broadband CMM2000-QT-0G00 Datasheet HTML 11Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Page 8 of 11
Driver Amplifier Measurements (cont.)
CMM2000-QT
CMM2000-QT
Output P1dB Over Temperature, 8V
0
2
4
6
8
10
12
14
16
024
6
8
10
Frequency (GHz)
P1dB_8V_25°C
P1dB_8V_-35°C
P1dB_8V_80°C
CMM2000-QT
Output OIP3 Over Temperature, 8V
10
12
14
16
18
20
22
24
26
28
30
024
6
8
10
Frequency (GHz)
OIP3_8V_25°C
OIP3_8V_-35°C
OIP3_8V_80°C
1.5-6.0 GHz GaAs MMIC
Packaged Driver Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2008 - Rev 28-Jan-08


Similar Part No. - CMM2000-QT-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2000-QT MIMIX-CMM2000-QT Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
CMM2000-QT MIMIX-CMM2000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
More results

Similar Description - CMM2000-QT-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM9000-QT MIMIX-CMM9000-QT Datasheet
1Mb / 11P
   1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM2000-QT MIMIX-CMM2000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
CMM9000-QT MIMIX-CMM9000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
CMM0511-QT MIMIX-CMM0511-QT Datasheet
446Kb / 6P
   5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM0511-QT MIMIX-CMM0511-QT_08 Datasheet
443Kb / 6P
   5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM1118-QT MIMIX-CMM1118-QT_07 Datasheet
591Kb / 6P
   11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM1118-QT MIMIX-CMM1118-QT Datasheet
866Kb / 6P
   11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
   2.0-6.0 GHz GaAs MMIC Amplifier
CMM-2 MIMIX-CMM-2 Datasheet
446Kb / 4P
   2.0-6.0 GHz GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com