Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94HEB16JRT Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 94HEB16JRT
Description  Thru-Hole DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

94HEB16JRT Datasheet(HTML) 2 Page - Grayhill, Inc

  94HEB16JRT Datasheet HTML 1Page - Grayhill, Inc 94HEB16JRT Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
TAPE AND REEL PACKAGING:
Series 94H
Available
from
your
local
Grayhill
Distributor. For prices and discounts, contact
a local Sales Office, an authorized local
Distributor or Grayhill.
4
5
4
5
4
5
0
0
0
0
13 INCH
DIAMETER REEL
DIRECTION
OF FEED
16mm
24mm
CONDUCTIVE
PLASTIC EMBOSSED
TAPE
PIN #1
CHAMFER
Meets requirements of EIA 481-2.
Each reel contains the following number of
switches with a 15.35 inch (390 mm)
minimum leader and a 6.30 inch (160 mm)
minimum trailer.
94HA style
750 sw/reel
94HB style
150 sw/reel
94HC style
200 sw/reel
94HE style
300 sw/reel
94HF style
750 sw/reel
Knob Style and Height
Knob Color
Arrow Color
Part Number
1A
Gray
N/A
947706-001
5A
Gray
Black
947706-005
1B
Black
N/A
947705-001
1B
Gray
N/A
947705-012
2B
Gray
White
947705-004
3B
Gray
Black
947705-017
4B
Gray
Black
947705-018
1B
Natural
N/A
947705-009
4B
Black
White
947705-010
5B
Gray
Black
947705-019
ORDERING INFORMATION: Series 94 High Temperature Knobs*
*Ordered as a separate item. B = Standard (Natural), C = Complementary (Conrasting Color).
ORDERING INFORMATION: Series 94H
Series
Actuator Style: A = Flush, Figure 1
B = .270, Figure 3 (see page B-21)
C = .170, Figure 3 (see page B-21)
E = .090, Figure 3 (see page B-21)
F = Flush, Figure 2
Code: B = Standard (Natural),
94HAB10WRT
C = Complementary (Contrasting Color)
RoHS Compliant
Packaging: R = Tape and Reel, (Surface Mount Only)
Blank = Tube*
Terminal Style: RA = Right Angle, Thru-Hole
J = J-Lead
W = Surface Mount
Blank = Thru-Hole
Number of Positions: 08 = Octal, 8 Position
10 = BCD, 10 Position
16 = Hex, 16 Position
* 27 Pieces per tube for surface mount and thru-hole, 24 pieces per tube for right angle switches.
SERIES 94 High Temperature Knobs: For Shaft Extensions
.370
(9,40)
.190
(4,83)
.370
(9,40)
.040
(1,02)
.210
(5,33)
.040
(1,02)
12
34
5
AB
Slotted knobs show switch
markings. Contact Grayhill
for other knob material/
marking color combinations
and geometrics.
* Use only with Actuator Type B or C
Right Angle Thru-Hole
DIMENSIONS In inches (and millimeters)
1
2
.430 (10,92)
.210 (5,33)
.190
(4,83)
.400
(10,16)
PIN #1
.100
± .005
(2,54
± 0,13) TYP.
.100
± .005
(2,54
± 0,13)
.145
(3,68)
.282 (7,16)
.156
(3,96)
8
C
2
1
C
4
PC board layout
as viewed from the
top of the switch
TERMINALS ARE
.020
±.002 (0,51±0,05)
WIDE BY .012
±.002
(0,31
±0,05) THICK
DIP
20
Thru-Hole DIP Switches


Similar Part No. - 94HEB16JRT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
94HEB10JRT GRAYHILL-94HEB10JRT Datasheet
1Mb / 3P
   Rotary DIP Switches
94HEB10RART GRAYHILL-94HEB10RART Datasheet
1Mb / 3P
   Rotary DIP Switches
94HEB10WRT GRAYHILL-94HEB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
More results

Similar Description - 94HEB16JRT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
90B02ST GRAYHILL-90B02ST Datasheet
341Kb / 2P
   Thru-Hole DIP Switches
76SD01T GRAYHILL-76SD01T Datasheet
240Kb / 2P
   Thru-Hole DIP Switches
logo
List of Unclassifed Man...
76ST01 ETC1-76ST01 Datasheet
33Kb / 1P
   Thru-Hole DIP Switches
logo
Grayhill, Inc
78B02T GRAYHILL-78B02T Datasheet
767Kb / 2P
   Thru-Hole DIP Switches
76STC04T GRAYHILL-76STC04T Datasheet
140Kb / 2P
   Thru-Hole DIP Switches
79B10T GRAYHILL-79B10T Datasheet
398Kb / 1P
   Thru-Hole DIP Switches
76RSB02ST GRAYHILL-76RSB02ST Datasheet
439Kb / 1P
   Thru-Hole DIP Switches
76SC02 GRAYHILL-76SC02 Datasheet
55Kb / 2P
   Thru-Hole DIP Switches
94RB08CT GRAYHILL-94RB08CT Datasheet
157Kb / 1P
   Thru-Hole DIP Switches
79A10T GRAYHILL-79A10T Datasheet
260Kb / 2P
   Thru-Hole DIP Switches
78M05S GRAYHILL-78M05S Datasheet
13Kb / 1P
   Thru-Hole DIP Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com