Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CMM0014-BD-0000 Datasheet(PDF) 4 Page - Mimix Broadband

Part # PB-CMM0014-BD-0000
Description  2.0-22.0 GHz GaAs MMIC Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CMM0014-BD-0000 Datasheet(HTML) 4 Page - Mimix Broadband

  PB-CMM0014-BD-0000 Datasheet HTML 1Page - Mimix Broadband PB-CMM0014-BD-0000 Datasheet HTML 2Page - Mimix Broadband PB-CMM0014-BD-0000 Datasheet HTML 3Page - Mimix Broadband PB-CMM0014-BD-0000 Datasheet HTML 4Page - Mimix Broadband PB-CMM0014-BD-0000 Datasheet HTML 5Page - Mimix Broadband PB-CMM0014-BD-0000 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6
2.0-22.0 GHz GaAs MMIC
Power Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM0014-BD
April 2007 - Rev 26-Apr-07
Mechanical Drawing
Bias Arrangement
Bypass Capacitors - See App Note [2]
(Note: Engineering designator is M380)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All DC Bond Pads are 0.100 x 0.100 (0.004 x 0.004). All RF Bond Pads are 0.100 x 0.200 (0.004 x 0.008)
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 1.65 mg.
Bond Pad #1 (RF In)
Bond Pad #2 (Vd)
Bond Pad #3 (RF Out)
Bond Pad #4 (Rs-1.2 )
Bond Pad #5 (Rs-2.1 )
Bond Pad #6 (Rs-3.3 )
1.140
(0.045)
2
3
4
0.352
(0.014)
2.234
(0.088)
2.340
(0.092)
0.0
0.0
1.614
(0.024)
1.034
(0.041)
2.149
(0.085)
2.249
(0.089)
2.045
(0.081)
5
6
1
2
3
4
5
6
1
RF In
RF Out
Vd


Similar Part No. - PB-CMM0014-BD-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CMM0015-BD-0000 MIMIX-PB-CMM0015-BD-0000 Datasheet
203Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
PB-CMM0016-BD-0000 MIMIX-PB-CMM0016-BD-0000 Datasheet
176Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - PB-CMM0014-BD-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0015-BD MIMIX-CMM0015-BD Datasheet
203Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD_06 Datasheet
618Kb / 3P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_08 Datasheet
176Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_09 Datasheet
277Kb / 9P
   2.0-22.0 GHz GaAs MMIC
CMM0014-BD MIMIX-CMM0014-BD_09 Datasheet
284Kb / 9P
   2.0-22.0 GHz GaAs MMIC
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD Datasheet
1Mb / 4P
   2.0 to 22.0 GHz GaAs MMIC Power Amplifer
18MPA0567 MIMIX-18MPA0567 Datasheet
133Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
   GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com