Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMM3566-LC Datasheet(PDF) 3 Page - Mimix Broadband

Part No. CMM3566-LC
Description  3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM3566-LC Datasheet(HTML) 3 Page - Mimix Broadband

  CMM3566-LC_07 Datasheet HTML 1Page - Mimix Broadband CMM3566-LC_07 Datasheet HTML 2Page - Mimix Broadband CMM3566-LC_07 Datasheet HTML 3Page - Mimix Broadband CMM3566-LC_07 Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM3566-LC
August 2007 - Rev 02-Aug-07
3.4 to 3.5 GHz, 7.0V, +24 dBm
W-CDMA Power Amplifier
Typical Performance
y
c
n
e
u
q
e
r
F
s
v
r
e
w
o
P
t
u
p
t
u
O
r
a
e
n
i
L
y
c
n
e
u
q
e
r
F
s
v
s
s
o
L
n
r
u
t
e
R
d
n
a
n
i
a
G
Id & Adjacent Channel Power vs Output Power
(2.7 MHz from Carrier)
Id & Adjacent Channel Power vs Output Power
(5.25 MHz from Carrier)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn