Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMM3566-LC Datasheet(PDF) 2 Page - Mimix Broadband

Part No. CMM3566-LC
Description  3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM3566-LC Datasheet(HTML) 2 Page - Mimix Broadband

  CMM3566-LC_07 Datasheet HTML 1Page - Mimix Broadband CMM3566-LC_07 Datasheet HTML 2Page - Mimix Broadband CMM3566-LC_07 Datasheet HTML 3Page - Mimix Broadband CMM3566-LC_07 Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM3566-LC
August 2007 - Rev 02-Aug-07
3.4 to 3.5 GHz, 7.0V, +24 dBm
W-CDMA Power Amplifier
Electrical Characteristics
s
t
i
n
U
x
a
M
p
y
T
n
i
M
n
o
i
t
i
d
n
o
C
r
e
t
e
m
a
r
a
P
Frequency Range
3.4
3.5
GHz
B
d
1
3
5
.
8
2
6
2
t
u
p
t
u
o
r
e
w
o
p
l
a
t
i
g
i
D
@
n
i
a
G
V
/
B
d
2
e
g
a
t
l
o
v
y
l
p
p
u
s
r
e
v
O
n
o
i
t
a
i
r
a
V
n
i
a
G
C
°
/
B
d
3
0
.
0
e
r
u
t
a
r
e
p
m
e
t
r
e
v
O
c
B
d
0
3
-
5
3
-
)
m
B
d
6
2
+
o
t
2
2
+
=
t
u
o
P
(
d
n
2
*
s
c
i
n
o
m
r
a
H
c
B
d
5
3
-
0
4
-
e
v
o
b
a
d
n
a
)
m
B
d
6
2
+
o
t
2
2
+
=
t
u
o
P
(
d
r
3
z
H
K
0
3
/
c
B
d
0
4
-
3
4
-
r
e
i
r
r
a
c
m
o
r
f
z
H
M
7
.
2
±
r
e
w
o
P
t
u
p
t
u
O
r
a
e
n
i
L
(Pout = +22 dBm, Data Rate = 4.096Mc/Sec
z
H
K
0
3
/
c
B
d
8
4
-
0
5
-
r
e
i
r
r
a
c
m
o
r
f
z
H
M
5
2
.
5
±
(Pout = +22 dBm, Data Rate = 4.096Mc/Sec
z
H
K
0
3
/
c
B
d
5
3
-
8
3
-
r
e
i
r
r
a
c
m
o
r
f
z
H
M
7
.
2
±
r
e
w
o
P
t
u
p
t
u
O
r
a
e
n
i
L
(Pout = +24 dBm, Data Rate = 4.096Mc/Sec
z
H
K
0
3
/
c
B
d
5
4
-
7
4
-
r
e
i
r
r
a
c
m
o
r
f
z
H
M
5
2
.
5
±
(Pout = +24 dBm, Data Rate = 4.096Mc/Sec
c
B
d
8
6
-
h
t
d
i
w
d
n
a
B
z
H
M
0
1
e
s
i
o
N
d
n
a
b
e
d
i
W
B
d
5
V
0
.
7
=
d
d
V
e
r
u
g
i
F
e
s
i
o
N
Return Loss Input
-10
-14
dB
B
d
4
1
-
0
1
-
t
u
p
t
u
O
s
s
o
L
n
r
u
t
e
R
Positive Supply Current (Id
A
m
0
4
5
m
B
d
4
2
+
=
t
u
o
P
)
Quiescent Current (Iq
A
m
0
2
5
F
R
o
N
)
Negative Supply Current (-Ig
A
m
0
.
4
0
.
2
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
s
e
d
u
l
c
n
I
)
Negative Supply Voltage (-Vg
V
0
.
3
-
5
.
1
-
3
.
0
-
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
o
t
n
I
)
Unless otherwise specified, the following specifications are guaranteed at 3.45 GHz, room temperature with drain voltage (+Vd) = 7.0V in Mimix test fixture.
* The integrity of the input signal at an offset of 5.25 MHz has an adjacent channel performance of not greater than -52 dBc.
Modulation When biased as specified, the CMM3566-LC will
achieve the required adjacent channel response for the W-CDMA
linearity. Mimix tests each product under digital modulation to
ensure compliance to system specifications.
Thermal
1. The copper pad on the backside of the CMM3566-LC must be
soldered to the ground plane.
– Continued from Page 1 –
2
2
S
2
1
S
1
2
S
1
1
S
y
c
n
e
u
q
e
r
F
(GHz)
Mag
ANG
Mag
ANG
Mag
ANG
Mag
ANG
0.6
0.646
136.623
2.393
20.992
0.002
-19.228
0.804
-23.817
0.8
0.659
54.979
1.283
17.015
0.003
-80.195
0.682
-89.402
1.0
0.732
-19.826
5.119
-67.405
0.004
-158.535
0.420
-138.407
1.2
0.778
-82.663
8.080
-171.314
0.005
132.866
0.382
-152.437
1.4
0.781
-140.684
10.458
93.318
0.005
67.738
0.533
150.599
1.6
0.751
155.653
12.110
-2.432
0.007
0.028
0.650
69.917
1.8
0.770
14.916
11.272
-176.757
0.006
-124.480
0.874
-61.986
2.0
0.770
11.996
11.158
-179.876
0.006
-126.766
0.880
-63.734
2.2
0.781
-40.876
11.715
106.441
0.007
173.071
0.911
-116.517
2.4
0.772
-81.765
15.438
32.091
0.008
128.121
0.877
-177.609
2.6
0.757
-121.242
21.302
-51.262
0.010
68.938
0.771
103.364
2.8
0.640
176.329
27.182
-150.627
0.011
-13.377
0.756
13.731
3.0
0.447
86.466
29.193
105.943
0.010
-79.627
0.690
-53.854
3.2
0.516
0.714
28.413
4.707
0.011
-137.593
0.471
-91.983
3.4
0.518
-69.213
25.542
-94.768
0.010
152.682
0.383
-99.415
3.6
0.131
-149.583
24.348
164.543
0.012
93.523
0.268
-121.022
3.8
0.423
-13.907
19.130
58.878
0.011
18.708
0.257
-98.953
4.0
0.578
-59.337
14.619
-37.638
0.008
-52.138
0.278
-134.978
S-Parameters
Vdd = 7V, ID 1 & 2 = 200, ID 3 = 300


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn