Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CHV2721-QJ-00A0 Datasheet(PDF) 3 Page - Mimix Broadband

Part # PB-CHV2721-QJ-00A0
Description  3.3-3.6 GHz InGaP HBT 8W Linear Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CHV2721-QJ-00A0 Datasheet(HTML) 3 Page - Mimix Broadband

  PB-CHV2721-QJ-00A0 Datasheet HTML 1Page - Mimix Broadband PB-CHV2721-QJ-00A0 Datasheet HTML 2Page - Mimix Broadband PB-CHV2721-QJ-00A0 Datasheet HTML 3Page - Mimix Broadband PB-CHV2721-QJ-00A0 Datasheet HTML 4Page - Mimix Broadband PB-CHV2721-QJ-00A0 Datasheet HTML 5Page - Mimix Broadband PB-CHV2721-QJ-00A0 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CHV2721-QJ
3.3-3.6 GHz InGaP HBT
8W Linear Power Amplifier
February 2008 - Rev 29-Feb-08
Recommended Schematic
Evaluation Board Layout
Part Identifier
Mfg
Mfg Part
QTY Reference
1.2 pF 0603 Capacitor
Murata ERB1885C2D1R6BDX12 C1,C2
4.3 pF 0603 Capacitor
Murata ERB1885C2D1R5BDX11 C3
10 uF 0603 Capacitor
Murata ERB1885C2D6R8BDX1
1 C4,C5,C9
10 pF 0603 Capacitor
Murata GRM188R71E103KA01D
2 C7,C8
100 uF Tantalum Capacitor
AVX
TAJD107K016R
3 C6,C10
20 pF 0603 Capacitor
1
1
C
1
I/P
Match
O/P
Match
RFin
Vcontrol
Active
Bias
Turn on sequence:
Turn on power supply Vcc = +12V
Turn on power supply Vcontrol = +5V
Turn on RF
Turn off sequence:
Turn off RF power
Turn off power supply Vcontrol = +5V
Turn off power supply Vcc = +12V


Similar Part No. - PB-CHV2721-QJ-00A0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CHV2720-QJ-00A0 MIMIX-PB-CHV2720-QJ-00A0 Datasheet
553Kb / 8P
   2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
More results

Similar Description - PB-CHV2721-QJ-00A0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
   2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
CHV2711-QJ MIMIX-CHV2711-QJ Datasheet
365Kb / 6P
   3.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA5251 FAIRCHILD-RMPA5251 Datasheet
499Kb / 10P
   4.90-5.85 GHz InGaP HBT Linear Power Amplifier
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ_0610 MIMIX-CHV2710-QJ_0610 Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
   4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
RF Micro Devices
RFGA2012 RFMD-RFGA2012 Datasheet
1Mb / 12P
   InGaP HBT LOW POWER LINEAR AMPLIFIER
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com