Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CHV2720-QJ Datasheet(PDF) 4 Page - Mimix Broadband

Part No. CHV2720-QJ
Description  2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2720-QJ Datasheet(HTML) 4 Page - Mimix Broadband

  CHV2720-QJ Datasheet HTML 1Page - Mimix Broadband CHV2720-QJ Datasheet HTML 2Page - Mimix Broadband CHV2720-QJ Datasheet HTML 3Page - Mimix Broadband CHV2720-QJ Datasheet HTML 4Page - Mimix Broadband CHV2720-QJ Datasheet HTML 5Page - Mimix Broadband CHV2720-QJ Datasheet HTML 6Page - Mimix Broadband CHV2720-QJ Datasheet HTML 7Page - Mimix Broadband CHV2720-QJ Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
CHV2720-QJ
2.3-2.7 GHz InGaP HBT
8W Linear Power Amplifier
Typical Performance (cont.)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8
Frequency (GHz)
Evaluation Board, Broadband Performance
-30
-25
-20
-15
-10
-5
0
5
10
15
DB(|S(1,1)|)
CHV2720
DB(|S(2,1)|)
CHV2720
DB(|S(2,2)|)
CHV2720
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
Frequency (GHz)
Evaluation Board, Narrowband Performance
-30
-25
-20
-15
-10
-5
0
5
10
15
DB(|S(1,1)|)
CHV2720
DB(|S(2,1)|)
CHV2720
DB(|S(2,2)|)
CHV2720
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2008 - Rev 08-Feb-08
Zopt Package Reference Plane (Z0 = 10 ohms)
(0.000 to 0.000)
Zopt_2G3
6.00 + j1.05
Zopt_2G5
6.20 + j1.50
Zopt_2G7
6.10 + j2.10


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn