Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CGB8001-SC-00B0 Datasheet(PDF) 3 Page - Mimix Broadband

Part # PB-CGB8001-SC-00B0
Description  DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CGB8001-SC-00B0 Datasheet(HTML) 3 Page - Mimix Broadband

  PB-CGB8001-SC-00B0 Datasheet HTML 1Page - Mimix Broadband PB-CGB8001-SC-00B0 Datasheet HTML 2Page - Mimix Broadband PB-CGB8001-SC-00B0 Datasheet HTML 3Page - Mimix Broadband PB-CGB8001-SC-00B0 Datasheet HTML 4Page - Mimix Broadband PB-CGB8001-SC-00B0 Datasheet HTML 5Page - Mimix Broadband PB-CGB8001-SC-00B0 Datasheet HTML 6Page - Mimix Broadband PB-CGB8001-SC-00B0 Datasheet HTML 7Page - Mimix Broadband PB-CGB8001-SC-00B0 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8
Typical S-Parameter and Noise Performance: 900 MHz
DC-2.7 GHz InGaP HBT
Matched Gain Block Amplifier
CGB8001-SC
900MHz
-40
25
85
Unit
Gain
20.3
20.5
20.1
dB
P1dB
28.0
27.6
26.1
dBm
NF
3.1
3.7
4.4
dB
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
Frequency (GHz)
5V, 100mA, App CKT @ 900MHz
-25
-20
-15
-10
-5
0
5
10
15
20
25
S11
S21
S22
0.70.750.8
0.85
0.90.95
1
1.05
1.1
Frequency (GHz)
5V, 100mA, App CKT @ 900MHz
-25
-20
-15
-10
-5
0
5
10
15
20
25
S11
S21
S22
ACPR
Vd = 5V, Iq = 100mA, 900MHz
IS-95A Downlink, 9 Channels Forward
-65
-60
-55
-50
-45
-40
-35
10
12
14
16
18
20
22
Ouput Power (dBm)
25degC
-40degC
85degC
Current Vs Ouput Power
Vd = 5V, Iq = 100mA, 900MHz, Is-95A
80
90
100
110
120
130
140
150
160
170
180
10
12
14
16
18
20
22
Ouput Power (dBm)
25degC
-40degC
85degC
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2008 - Rev 18-Jan-08


Similar Part No. - PB-CGB8001-SC-00B0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CGB8001-SC-00B0 MIMIX-PB-CGB8001-SC-00B0 Datasheet
247Kb / 9P
   DC-2.8 GHz InGaP HBT 0.5W Medium Power Amplifier
More results

Similar Description - PB-CGB8001-SC-00B0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7289-BD MIMIX-CGB7289-BD Datasheet
301Kb / 18P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC_0609 MIMIX-CGB7289-SC_0609 Datasheet
346Kb / 20P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC MIMIX-CGB7289-SC Datasheet
341Kb / 19P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7012-BD MIMIX-CGB7012-BD Datasheet
492Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7001-SC MIMIX-CGB7001-SC_07 Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7009-SC MIMIX-CGB7009-SC_07 Datasheet
465Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com