Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHV2707-QJ Datasheet(PDF) 2 Page - Mimix Broadband

Part # CHV2707-QJ
Description  700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2707-QJ Datasheet(HTML) 2 Page - Mimix Broadband

  CHV2707-QJ_07 Datasheet HTML 1Page - Mimix Broadband CHV2707-QJ_07 Datasheet HTML 2Page - Mimix Broadband CHV2707-QJ_07 Datasheet HTML 3Page - Mimix Broadband CHV2707-QJ_07 Datasheet HTML 4Page - Mimix Broadband CHV2707-QJ_07 Datasheet HTML 5Page - Mimix Broadband CHV2707-QJ_07 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
CHV2707-QJ
Typical Performance: (802.16 OFDM signal, PAR = 9 dB, Vcontrol = 7V)
Measured in a Mimix evaluation board
700 to 800 MHz InGaP HBT
5W Linear Power Amplifier
EVM
OFDM (PAR = 9.04dB), 12V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
26
27
28
29
30
31
32
Output Power (dBm)
EVM @ 800MHz
EVM @ 700MHz
Gain
OFDM (PAR = 9.04dB), 12V
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
26
27
28
29
30
31
Output Power (dBm)
Gain @ 800MHz
Gain @ 700MHz
ACPR
WCDMA (PAR = 9.14) @ 12V
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
20
21
22
23
24
25
26
27
28
29
30
31
Output Power (dBm)
ACPR @ 800MHz
ACPR @ 700MHz
ACPR
WCDMA (PAR = 9.14) @ 10V
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
25
26
27
28
29
30
31
Output Power (dBm)
ACPR @ 800MHz
ACPR @ 700MHz
ACPR
WCDMA (PAR = 7.14), 12V
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
20
21
22
23
24
25
26
27
28
29
30
31
32
Output Power (dBm)
ACPR @ 800MHz
ACPR @ 700MHz
Efficiency
WCDMA (PAR = 9.14)
0
2
4
6
8
10
12
14
16
18
20
21
22
23
24
25
26
27
28
29
30
31
32
Ouput Power (dBm)
Eff @ 800MHz, 12V
Eff @ 700MHz, 12V
Eff @ 800MHz, 10V
Eff @ 700MHz, 10V
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 30-Aug-07


Similar Part No. - CHV2707-QJ_07

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2707-QJ-0G00 MIMIX-CHV2707-QJ-0G00 Datasheet
348Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
CHV2707-QJ-0G0T MIMIX-CHV2707-QJ-0G0T Datasheet
348Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
More results

Similar Description - CHV2707-QJ_07

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2707-QJ MIMIX-CHV2707-QJ Datasheet
348Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
CHV2711-QJ MIMIX-CHV2711-QJ Datasheet
365Kb / 6P
   3.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ_0610 MIMIX-CHV2710-QJ_0610 Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
logo
RF Micro Devices
RFGA2012 RFMD-RFGA2012 Datasheet
1Mb / 12P
   InGaP HBT LOW POWER LINEAR AMPLIFIER
logo
SIRENZA MICRODEVICES
SPB-3018 SIRENZA-SPB-3018 Datasheet
206Kb / 9P
   800 - 2400 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
logo
Fairchild Semiconductor
RMPA5251 FAIRCHILD-RMPA5251 Datasheet
499Kb / 10P
   4.90-5.85 GHz InGaP HBT Linear Power Amplifier
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com