Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7011-SC-0G00 Datasheet(PDF) 4 Page - Mimix Broadband

Part # CGB7011-SC-0G00
Description  DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7011-SC-0G00 Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7011-SC-0G00 Datasheet HTML 1Page - Mimix Broadband CGB7011-SC-0G00 Datasheet HTML 2Page - Mimix Broadband CGB7011-SC-0G00 Datasheet HTML 3Page - Mimix Broadband CGB7011-SC-0G00 Datasheet HTML 4Page - Mimix Broadband CGB7011-SC-0G00 Datasheet HTML 5Page - Mimix Broadband CGB7011-SC-0G00 Datasheet HTML 6Page - Mimix Broadband CGB7011-SC-0G00 Datasheet HTML 7Page - Mimix Broadband CGB7011-SC-0G00 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
Typical Scattering Parameters
(Vd = +5.4V, Icc = 82 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.015
-131.20
14.02
173.00
0.060
-0.26
0.091
-15.42
200
0.029
-117.90
13.90
166.20
0.061
-0.24
0.095
-30.02
300
0.040
-115.90
13.76
159.50
0.061
-0.26
0.100
-43.50
400
0.051
-117.50
13.59
152.90
0.061
-0.77
0.105
-55.63
500
0.063
-117.80
13.37
146.60
0.062
-0.98
0.113
-67.34
600
0.073
-119.90
13.13
140.10
0.063
-1.24
0.120
-76.96
700
0.084
-123.00
12.89
133.90
0.064
-1.68
0.127
-86.47
800
0.093
-124.60
12.60
127.70
0.065
-2.12
0.134
-94.33
900
0.103
-127.40
12.33
121.60
0.066
-2.74
0.140
-102.50
1000
0.113
-129.80
12.05
115.80
0.067
-3.68
0.149
-109.90
1100
0.120
-132.50
11.75
109.90
0.069
-4.15
0.152
-116.40
1200
0.128
-135.70
11.48
104.20
0.070
-5.24
0.156
-123.20
1300
0.137-137.10
11.14
98.72
0.072
-6.24
0.162
-128.80
1400
0.143
-140.00
10.85
93.17
0.073
-7.27
0.165
-134.10
1500
0.151
-142.80
10.58
87.93
0.075
-8.43
0.168
-140.10
1600
0.158
-145.20
10.30
82.64
0.076
-9.66
0.170
-144.90
1700
0.164
-147.30
10.02
77.48
0.078
-11.00
0.172
-149.70
1800
0.170
-149.70
9.75
72.40
0.080
-12.32
0.173
-154.20
1900
0.175
-152.30
9.50
67.44
0.082
-13.94
0.175
-158.70
2000
0.182
-154.50
9.26
62.64
0.083
-15.43
0.175
-163.30
2100
0.186
-156.70
9.01
57.69
0.085
-16.97
0.174
-167.20
2200
0.191
-159.10
8.78
52.94
0.087
-18.69
0.173
-171.50
2300
0.197
-161.60
8.57
48.34
0.089
-20.44
0.173
-175.60
2400
0.202
-163.70
8.3443.73
0.091
-22.24
0.172
-179.40
2500
0.205
-166.50
8.15
39.07
0.093
-24.03
0.170
176.50
2600
0.210
-169.40
7.96
34.66
0.095
-26.03
0.169
172.40
2700
0.215
-171.60
7.77
30.26
0.097
-28.02
0.168
168.80
2800
0.218
-174.60
7.60
25.79
0.099
-30.02
0.166
164.70
2900
0.222
-177.70
7.45
21.39
0.101
-31.98
0.165
160.30
3000
0.225
179.50
7.29
17.02
0.103
-34.02
0.162
156.30
3100
0.229
176.60
7.14
12.75
0.106
-36.11
0.161
152.50
3200
0.231173.70
6.99
8.37
0.108
-38.31
0.159
148.40
3300
0.235
170.10
6.87
4.07
0.110
-40.60
0.159
143.70
3400
0.239
167.20
6.73
-0.21
0.112
-42.88
0.159
139.60
3500
0.240
163.80
6.61
-4.59
0.115
-45.15
0.156
135.00
3600
0.245
160.20
6.48
-8.77
0.117
-47.57
0.154
129.90
3700
0.249
157.00
6.37-13.02
0.119
-50.05
0.150
122.60
3800
0.250
153.10
6.26
-17.31
0.121
-52.43
0.150
115.90
3900
0.254
148.80
6.15
-21.57
0.123
-54.61
0.149
110.60
4000
0.256
144.80
6.05
-25.80
0.125
-56.74
0.151
105.40
4100
0.259
140.50
5.95
-30.06
0.126
-59.19
0.153
99.92
4200
0.259
136.00
5.85
-34.32
0.128
-61.59
0.156
94.38
4300
0.261
131.10
5.76
-38.58
0.131
-64.22
0.160
88.59
4400
0.263
126.10
5.67
-42.88
0.133
-66.99
0.165
82.54
4500
0.264
120.90
5.58
-47.17
0.135
-69.77
0.170
76.57
4600
0.266
115.70
5.50
-51.44
0.137
-72.57
0.176
70.74
4700
0.267
110.40
5.41
-55.75
0.139
-75.38
0.183
65.12
4800
0.269
104.50
5.33
-60.11
0.142
-78.36
0.192
59.33
4900
0.272
98.51
5.26
-64.43
0.144
-81.34
0.202
53.59
5000
0.276
92.26
5.18
-68.85
0.146
-84.35
0.214
47.77
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT Packaged
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7011-SC
April 2007 - Rev 19-Apr-07


Similar Part No. - CGB7011-SC-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7011-SC-0G00 MIMIX-CGB7011-SC-0G00 Datasheet
534Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7011-SC-0G00 MIMIX-CGB7011-SC-0G00 Datasheet
810Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results

Similar Description - CGB7011-SC-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7010-SC MIMIX-CGB7010-SC_07 Datasheet
522Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged, Matched Gain Block Amplifier
CGB7001-SC MIMIX-CGB7001-SC_07 Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7009-SC MIMIX-CGB7009-SC_07 Datasheet
465Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC_07 Datasheet
494Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7007-SC MIMIX-CGB7007-SC_07 Datasheet
475Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7006-SC MIMIX-CGB7006-SC_07 Datasheet
468Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC_07 Datasheet
532Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7015-SC MIMIX-CGB7015-SC_07 Datasheet
207Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-SP MIMIX-CGB7001-SP_07 Datasheet
239Kb / 7P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com