Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CDQ6004-QS-00C0 Datasheet(PDF) 10 Page - Mimix Broadband

Part # PB-CDQ6004-QS-00C0
Description  0.05-4.0 GHz Dual High Dynamic Range Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CDQ6004-QS-00C0 Datasheet(HTML) 10 Page - Mimix Broadband

Back Button PB-CDQ6004-QS-00C0 Datasheet HTML 2Page - Mimix Broadband PB-CDQ6004-QS-00C0 Datasheet HTML 3Page - Mimix Broadband PB-CDQ6004-QS-00C0 Datasheet HTML 4Page - Mimix Broadband PB-CDQ6004-QS-00C0 Datasheet HTML 5Page - Mimix Broadband PB-CDQ6004-QS-00C0 Datasheet HTML 6Page - Mimix Broadband PB-CDQ6004-QS-00C0 Datasheet HTML 7Page - Mimix Broadband PB-CDQ6004-QS-00C0 Datasheet HTML 8Page - Mimix Broadband PB-CDQ6004-QS-00C0 Datasheet HTML 9Page - Mimix Broadband PB-CDQ6004-QS-00C0 Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page 10 of 10
Handling and Assembly Information
CAUTION!
- Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human
body and the environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product. This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy
- Mimix Broadband's products are not authorized for use as critical components in life support
devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As
used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions
for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected
to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Package Attachment
- This packaged product from Mimix Broadband is provided as a rugged surface mount package
compatible with high volume solder installation. Care should be taken not to apply heavy pressure to the top or base
material to avoid package damage. Vacuum tools or other suitable pick and place equipment may be used to pick and
place this part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF,
DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation,
but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program -
Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix
RoHS compliant components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of
our RoHS compliant parts is 100% matte tin (Sn) over copper alloy and is backwards compatible with current standard
SnPb low-temperature reflow processes as well as higher temperature (260°C reflow) “Pb Free” processes.
CDQ6004-QS
0.05-4.0 GHz
Dual High Dynamic Range Amplifier
Ordering Information
Part Number for Ordering
Description
Matte Tin plated RoHS compliant QFN4x4 16L surface mount package in bulk quantity
Matte Tin plated RoHS compliant QFN4x4 16L surface mount package in tape and reel
CDQ6004-QS Evaluation Board @ 900 MHz
CDQ6004-QS Evaluation Board @ 1.9 GHz~2.1 GHz
CDQ6004-QS Evaluation Board @ 2.4 GHz
CDQ6004-QS-0G00
CDQ6004-QS-0G0T
PB-CDQ6004-QS-00A0
PB-CDQ6004-QS-00B0
PB-CDQ6004-QS-00C0
We also offer this product with SnPb (Tin-Lead) or NiPdAu plating. Please contact your regional sales manager for more information
regarding different plating types.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 11-Aug-07


Similar Part No. - PB-CDQ6004-QS-00C0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CDQ6004-QS-00C0 MIMIX-PB-CDQ6004-QS-00C0 Datasheet
549Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
More results

Similar Description - PB-CDQ6004-QS-00C0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
   100.05-4.0 GHz Dual High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
   0.05-3.0 GHz High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH11 WJCI-AH11 Datasheet
317Kb / 6P
   High Dynamic Range Dual Amplifier
logo
TriQuint Semiconductor
AH11-G TRIQUINT-AH11-G_15 Datasheet
563Kb / 7P
   High Dynamic Range Dual Amplifier
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
logo
Analog Devices
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
   4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
logo
Mimix Broadband
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
   0.25-3.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH Datasheet
247Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC_07 Datasheet
273Kb / 10P
   0.3-3.0 GHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com