Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1006-QB Datasheet(PDF) 9 Page - Mimix Broadband

Part # XU1006-QB
Description  36.0-42.0 GHz GaAs Transmitter SMT, 7x7 mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1006-QB Datasheet(HTML) 9 Page - Mimix Broadband

  XU1006-QB Datasheet HTML 1Page - Mimix Broadband XU1006-QB Datasheet HTML 2Page - Mimix Broadband XU1006-QB Datasheet HTML 3Page - Mimix Broadband XU1006-QB Datasheet HTML 4Page - Mimix Broadband XU1006-QB Datasheet HTML 5Page - Mimix Broadband XU1006-QB Datasheet HTML 6Page - Mimix Broadband XU1006-QB Datasheet HTML 7Page - Mimix Broadband XU1006-QB Datasheet HTML 8Page - Mimix Broadband XU1006-QB Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Page 9 of 9
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these
by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product. This product must be discarded in
accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life
support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or
system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.
Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package compatible
with high volume solder installation. Vacuum tools or other suitable pick and place equipment may be used to pick and place this
part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF, DC and ground
connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation, but reduced reliability and
life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant
components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is
100% matte tin (Sn) over copper alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as
well as higher temperature (260°C reflow) “Pb Free” processes.
Part Number for Ordering Description
XU1006-QB-0L00
Ni/Pd/Au plated RoHS compliant QFN 7x7 28L surface mount package in bulk quantity
XU1006-QB-0L0T
Ni/Pd/Au plated RoHS compliant QFN 7x7 28L surface mount package in tape and reel
XU1006-QB-EV1
XU1006-QB Evaluation Module
Reflow Profile
Ramp Up Rate
Activation Time and Temperature
Time Above Melting Point
Max Peak Temperature
Time Within 5 ºC of Peak
Ramp Down Rate
SnPb
3-4 ºC/sec
60-120 sec @ 140-160 ºC
60-150 sec
240 ºC
10-20 sec
4-6 ºC/sec
Pb Free
3-4 ºC/sec
60-180 sec @ 170-200 ºC
60-150 sec
265 ºC
10-20 sec
4-6 ºC/sec
U1006-QB
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
36.0-42.0 GHz GaAsTransmitter
SMT, 7x7 mm
December 2007 - Rev 18-Dec-07


Similar Part No. - XU1006-QB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1006-QB MIMIX-XU1006-QB Datasheet
299Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
XU1006-QB MIMIX-XU1006-QB Datasheet
263Kb / 9P
   36.0-42.0 GHz GaAs Transmitter
logo
M/A-COM Technology Solu...
XU1006-QB MA-COM-XU1006-QB Datasheet
1Mb / 9P
   1137.0-40.0 GHz GaAs TransmitterSMT
logo
Mimix Broadband
XU1006-QB-0L00 MIMIX-XU1006-QB-0L00 Datasheet
299Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
XU1006-QB-0L0T MIMIX-XU1006-QB-0L0T Datasheet
299Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
More results

Similar Description - XU1006-QB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
38TX0768-QB MIMIX-38TX0768-QB Datasheet
293Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
XU1006-QB MIMIX-XU1006-QB Datasheet
299Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
XU1006-QB MIMIX-XU1006-QB_09 Datasheet
263Kb / 9P
   36.0-42.0 GHz GaAs Transmitter
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
XR1008-QB MIMIX-XR1008-QB_08 Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
XU1006-BD MIMIX-XU1006-BD Datasheet
1Mb / 1P
   35.0-42.0 GHz GaAs MMIC Transmitter
XU1009-BD_0707 MIMIX-XU1009-BD_0707 Datasheet
282Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
XU1007-BD MIMIX-XU1007-BD Datasheet
207Kb / 7P
   27.0-36.0 GHz GaAs MMIC Transmitter
26TX0555 MIMIX-26TX0555 Datasheet
292Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
XU1009-BD MIMIX-XU1009-BD Datasheet
281Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com