Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70G-ODC24B Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 70G-ODC24B
Description  DC Output Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70G-ODC24B Datasheet(HTML) 1 Page - Grayhill, Inc

  70G-ODC24B Datasheet HTML 1Page - Grayhill, Inc 70G-ODC24B Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
70L-ODC
70G-ODC
70-ODC
70M-ODC
CIRCUITRY
DIMENSIONS
For complete dimensional drawings, see pages
L-4 or L-5.
FUSES
G5 Fuses are 5 Amp Littelfuse part number
217005 or equivalent. OpenLine® fuses are
3.15 Amp Littelfuse part number 2173.15.
Fuse kits available, see page L-104.
DC Output Modules
FEATURES
• Transient Protection: Meets the
requirements of IEEE 472, "Surge
Withstanding Capability Test"
• SPST, Normally Open
• UL, CSA, CE, TÜV Certified
• Optical Isolation
• OpenLine® and G5 Modules
Provide Replaceable 5x20mm
Glass Fuses
• Built-in Status LED
• Lifetime Warranty
Figure 1
Maximum Current Versus
Ambient Temperature
The chart indicates continuous current to limit
the junction temperatures to 115°C. Information
is based on steady state heat transfer in a 2
cubic foot sealed enclosure.
4
3
2
1
-40˚
-20˚
0
20˚
40˚
60˚
80˚
100˚
AMBIENT TEMPERATURE (˚C)
STANDARD, G5 PACKAGES
MINIATURE PACKAGE
OPENLINE PACKAGE/CH
200 VDC STYLE
Package Style
Std (70-)
Mini (70M-)
G5 (70G-)
OL (70L-)
Specifications
Units
Load Current Range1
A
0.02-3.5
0.02-3.0
0.02-3.5
0.02-2.0/CH
Surge Current for 1 Sec.
A
5
5
5
5
Maximum Reverse Logic Voltage
Vdc
-5
-5
-5
-5
Isolation Voltage2
Vrms
4000
4000
4000
2500
Vibration3
MIL-STD-202
MIL-STD-202
MIL-STD-202
IEC68-2-6
Mechanical Shock4
MIL-STD-202
MIL-STD-202
MIL-STD-202
IEC68-2-27
Storage Temp. Range
°C
-40 to 125
-40 to 125
-40 to 125
-40 to 100
Operating Temp. Range
°C
-40 to 100
-40 to 100
-40 to 100
-40 to 85
Warranty
Lifetime
Lifetime
Lifetime
Lifetime
1 See Figure 1 for derating.
2 Field to logic and channel-to-channel if Grayhill racks are used.
3 MIL-STD-202, Method 204, 20 G, 10-2000 Hz or IEC68-2-6, 0.15 mm/sec2, 10-150 Hz.
4 MIL-STD-202, Method 213, Condition F, 1500 G or IEC68-2-27, 11 mS, 15g.
SPECIFICATIONS: By Package Style
Standard, Mini, G5
OpenLine®
1
2
3
4
Rx
VDC
DC CONTROL
VOLTAGE
SPIKE
PROTECTION
LOAD
LOAD
DRIVER
CIRCUIT
+
+
Fuse and status LED in G5 and OpenLine modules only.
TYPICAL WIRING FOR MODULE 0
2.15K
B
A
OPTICAL
ISOLATION
OPTICAL
ISOLATION
DRIVER
CIRCUIT
DRIVER
CIRCUIT
CHANNEL A
CHANNEL B
BASE
OR
RACK
I/O MODULE
PIN #
TERMINAL
BLOCK #
LOAD
DC
SUPPLY
DC
SUPPLY
LOAD
+
+
1
2
3
4
1
2
3
4
5
6
7
8
9
GND
Vcc
CH. A
CONTROL
CH. B
CONTROL
MODULE ID
I/O
8


Similar Part No. - 70G-ODC24B

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70G-ODC24B GRAYHILL-70G-ODC24B Datasheet
76Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
More results

Similar Description - 70G-ODC24B

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
6311 CRYDOM-6311 Datasheet
162Kb / 2P
   DC Output Buffered Modules
X4ODC5R5 CRYDOM-X4ODC5R5 Datasheet
150Kb / 2P
   Dry Contact DC Output Modules
logo
CINCON ELECTRONICS Corp...
CFM60T CINCON-CFM60T Datasheet
377Kb / 2P
   60W TRIPLE OUTPUT AC-DC MODULES
CFM21 CINCON-CFM21 Datasheet
307Kb / 2P
   20 WATT SINGLE OUTPUT AC-DC MODULES
CFM21M CINCON-CFM21M Datasheet
575Kb / 3P
   20 WATT SINGLE OUTPUT AC-DC MODULES
logo
HITRON ELECTRONICS CORP...
HDM16-T HITRON-HDM16-T Datasheet
128Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 16WATTS TRIPLE OUTPUT
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
logo
Intronics Power, Inc.
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
   DC/DC MODULES
W15C-12S5 INTRONICS-W15C-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
S5-5S3.3 INTRONICS-S5-5S3.3 Datasheet
192Kb / 1P
   DC/DC MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com