Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70L-IDC Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 70L-IDC
Description  DC Input Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70L-IDC Datasheet(HTML) 1 Page - Grayhill, Inc

  70L-IDC Datasheet HTML 1Page - Grayhill, Inc 70L-IDC Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
70L-IDC
70G-IDC
70-IDC
70M-IDC
FEATURES
• Fast Switching Polarized Input
Types
• UL, CSA, CE, TÜV Certified (TÜV
not available on OpenLine®)
• Optical Isolation
• OpenLine® and G5 Modules have
Built-in Status LED
DC Input Modules
Package Style
Std (70-)
Mini (70M-)
G5 (70G-)
OL (70L-)
Specifications
Units
Output Current Range
mA
1-50
1-50
1-50
1-50
Minimum Output Breakdown Voltage
Vdc
50
50
50
50
Isolation Voltage1
Vrms
4000
4000
4000
2500
Vibration2
MIL-STD-202
MIL-STD-202
MIL-STD-202
IEC68-2-6
Mechanical Shock3
MIL-STD-202
MIL-STD-202
MIL-STD-202
IEC68-2-27
Storage Temp. Range
°C
-40 to 125
-40 to 125
-40 to 125
-40 to 100
Operating Temp. Range
°C
-40 to 100
-40 to 100
-40 to 100
-40 to 85
Warranty
Lifetime
Lifetime
Lifetime
Lifetime
1 Field to logic and channel-to-channel if Grayhill racks are used.
2 MIL-STD-202, Method 204, 20G, 10-2000 Hz or IEC68-2-6, 0.15 mm/sec2, 10-150 Hz.
3 MIL-STD-202, Method 213, Condition F, 1500G or IEC68-2-27, 11 mS, 15g.
SPECIFICATIONS: By Package Style
CIRCUITRY
Standard, Mini, G5
OpenLine®
1
2
3
4
5
Rx
VDC
+VCC
OUTPUT
GROUND
INPUT
VOLTAGE
HYST. CIRC.
CURRENT
REGULATING
Status LED in G5 modules only.
+
TYPICAL WIRING FOR MODULE 0
0
MODULE
BASE
OR
RACK
TERMINAL
BLOCK #
B
A
I/O MODULE
PIN #
INPUT
DEVICE
INPUT
DEVICE
DC
SUPPLY
FILTER
FILTER
OPTICAL
ISOLATION
OPTICAL
ISOLATION
HYSTERESIS
HYSTERESIS
+
+
+
1
2
3
4
1
2
3
4
6
7
5
8
9
Vcc
CH. A STATUS
GND
CH. B STATUS
MODULE ID
I/O
18


Similar Part No. - 70L-IDC

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70L-IDC GRAYHILL-70L-IDC Datasheet
72Kb / 2P
   Fast Switching Polarized Input Types
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
64Kb / 1P
   Wire Dry Contact Sensors Directly to Module, Eliminate External Power Supply
70L-IDC5S GRAYHILL-70L-IDC5S_10 Datasheet
64Kb / 1P
   Wire Dry Contact Sensors Directly to Module, Eliminate External Power Supply
70L-IDCG GRAYHILL-70L-IDCG Datasheet
118Kb / 2P
   AC/DC Input Modules
More results

Similar Description - 70L-IDC

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70-IDC5G GRAYHILL-70-IDC5G Datasheet
118Kb / 2P
   AC/DC Input Modules
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
logo
Premier Magnetics, Inc.
PDCS6233 PMI-PDCS6233 Datasheet
96Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
PDCS03001 PMI-PDCS03001 Datasheet
79Kb / 3P
   3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDCS03041 PMI-PDCS03041 Datasheet
30Kb / 2P
   3.0 WATT 4:1WIDE INPUT RANGE DC/DC POWER MODULES
logo
Ericsson
PKF5611SI ERICSSON-PKF5611SI Datasheet
1Mb / 16P
   5-6 W DC/DC Power Modules Wide Input Series
logo
Intronics Power, Inc.
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
   DC/DC MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com