Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

70-IAC5 Datasheet(PDF) 1 Page - Grayhill, Inc

Part No. 70-IAC5
Description  AC Input Modules
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GRAYHILL [Grayhill, Inc]
Homepage  http://www.grayhill.com
Logo 

70-IAC5 Datasheet(HTML) 1 Page - Grayhill, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
CIRCUITRY
FEATURES
• Transient Protection: Meets the
requirements of IEEE 472, “Surge
Withstanding Capability Test”
• UL, CSA, CE, TÜV Certified (TÜV
not available on OpenLine)
• Optical Isolation
• OpenLine® and G5 Modules have
Built-in Status LED
• Lifetime Warranty
AC Input Modules
Package Style
Std (70-)
Mini (70M-)
G5 (70G-)
OL (70L-)
Specifications
Units
Output Current Range
mA
1-50
1-50
1-50
1-50
Minimum Output Breakdown Voltage
Vdc
50
50
50
50
Maximum Turn-On Time
mS
20
20
20
20
Maximum Turn-Off Time
mS
20
20
20
20
Isolation Voltage1
Vrms
4000
4000
4000
2500
Vibration2
MIL-STD-202
MIL-STD-202
MIL-STD-202
IEC68-2-6
Mechanical Shock3
MIL-STD-202
MIL-STD-202
MIL-STD-202
IEC68-2-27
Storage Temp. Range
°C
-40 to +125
-40 to +125
-40 to +125
-40 to +100
Operating Temp. Range
°C
-40 to +100
-40 to +100
-40 to +100
-40 to +85
Warranty
Lifetime
Lifetime
Lifetime
Lifetime
1 Field to logic and channel-to-channel if Grayhill racks are used.
2 MIL-STD-202, Method 204, 20 G, 10-2000 Hz or IEC68-2-6, 0.15 mm/sec2, 10-150 Hz.
3 MIL-STD-202, Method 213, Condition F, 1500 G or IEC68-2-27, 11 mS, 15g.
SPECIFICATIONS: By Package Style
Standard, Mini, G5
OpenLine®
1
2
3
4
5
Rx
VDC
+VCC
OUTPUT
GROUND
INPUT
VOLTAGE
HYST. CIRC.
CURRENT
REGULATING
Status LED in G5 modules only.
+
TYPICAL WIRING FOR MODULE 70
I/O MODULE
PIN #
INPUT
DEVICE
1
2
3
4
1
2
3
4
6
7
5
8
9
0
A
B
MODULE
TERMINAL
BLOCK #
INPUT
DEVICE
OPTICAL
ISOLATION
FILTER
FILTER
OPTICAL
ISOLATION
HYSTERESIS
HYSTERESIS
BASE
OR
RACK
Vcc
CH. A STATUS
GND
CH. B STATUS
MODULE ID
*
* Separate supplies may also be used.
I/O
14
70L-IAC
70G-IAC
70-IAC
70M-IAC


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn