Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC1005TP-4N7K Datasheet(PDF) 4 Page - ABCO ELECTRONICS CO.LTD

Part # LMC1005TP-4N7K
Description  CERAMIC CHIP INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LMC1005TP-4N7K Datasheet(HTML) 4 Page - ABCO ELECTRONICS CO.LTD

  LMC1005TP-4N7K Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD LMC1005TP-4N7K Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD LMC1005TP-4N7K Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD LMC1005TP-4N7K Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
35
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Odering code1
Inductance2
Tolerance3
Q4
SRF Min5
Rdc Max6
Idc Max7
900MHz
1.7GHz
(nH)
(%)
(min.)
(MHZ)
(
)
(mA)
L Typ
Q Typ
L Typ
Q Typ
LMC 1005
1. How to order
LM
C
1005
TP
1N0
J
(1)
(2)
(3)
(4)
(5)
(6)
(1) Part name
(2) Material
(3) Body size
(4) TP: Taping
(5) Inductance
Ex: 1N0(1.0nH), 7N5(7.5nH), 47N(47nH)
(6) Inductance Tol.
2. Inductance measured: RF LCR METER(HP4287A) + 16197A fixture
3. G=
± 2%, J= ± 5%, K= ± 10%
4. Q measured: RF LCR METER(Agilent4287A) + 16197A fixture
5. SRF measured: NETWORK ANALYZER(HP8753D) + ABCO SMD-D test fixture
6. Rdc measured: RF LCR METER(HP4287A) + 16197A fixture
7. For 15
˚C Rise
100
110
90
80
70
60
50
40
30
20
10
12N 5N6
19N
27N
1N0
19N
27N
1N0
12N
5N6
80
100
140
120
40
20
60
0
Frequency(MHz)
10
1
100
1000
10000
Frequency(MHz)
10
1
100
1000
10000
0
●Q vs F Characteristic
●L vs F Characteristic
ELECTRICAL CHARACTERISTICS
LMC 1005TP- 1N0J,K
LMC 1005TP- 1N5J,K
LMC 1005TP- 1N8J,K
LMC 1005TP- 2N0J,K
LMC 1005TP- 2N2J,K
1.0 @ 250MHz
1.5 @ 250MHz
1.8 @ 250MHz
2.0 @ 250MHz
2.2 @ 250MHz
± 5, 10
± 5, 10
± 5, 10
± 5, 10
± 5, 10
9
13
15
16
14
6000
6000
6000
6000
6000
0.080
0.040
0.050
0.070
0.070
1.02
1.49
1.74
1.93
2.19
77
42
46
54
59
1.02
1.50
1.74
1.93
2.23
69
58
64
75
100
1360
1260
1060
1040
960
LMC 1005TP- 2N3J,K
LMC 1005TP- 2N7J,K
LMC 1005TP- 3N3J,K
LMC 1005TP- 3N6J,K
LMC 1005TP- 3N9J,K
2.3 @ 250MHz
2.7 @ 250MHz
3.3 @ 250MHz
3.6 @ 250MHz
3.9 @ 250MHz
± 5, 10
± 5, 10
± 5, 10
± 5, 10
± 5, 10
10
10
19
19
19
6000
6000
6000
6000
5800
0.090
0.220
0.066
0.066
0.066
2.28
2.69
3.10
3.56
3.89
37
29
65
45
50
2.32
2.80
3.12
3.62
4.00
45
39
87
71
75
800
520
840
840
840
LMC 1005TP- 4N7J,K
LMC 1005TP- 5N1J,K
LMC 1005TP- 5N6J,K
LMC 1005TP- 6N2J,K
LMC 1005TP- 7N5J,K
4.7 @ 250MHz
5.1 @ 250MHz
5.6 @ 250MHz
6.2 @ 250MHz
7.5 @ 250MHz
± 5, 10
± 5, 10
± 5, 10
± 5, 10
± 5, 10
20
20
20
20
22
5800
5800
5800
5800
5800
0.070
0.083
0.083
0.083
0.104
4.71
5.15
5.16
6.16
7.91
56
56
54
52
60
5.25
5.25
5.28
6.37
8.22
80
80
81
76
88
800
800
760
760
680
LMC 1005TP- 8N2J,K
LMC 1005TP- 9N0J,K
LMC 1005TP- 10NJ,K
LMC 1005TP- 11NJ,K
LMC 1005TP- 12NJ,K
8.2 @ 250MHz
9 @ 250MHz
10 @ 250MHz
11 @ 250MHz
12 @ 250MHz
± 5, 10
± 5, 10
± 5, 10
± 5, 10
± 5, 10
22
22
21
24
24
4400
4160
3900
3680
3600
0.104
0.130
0.130
0.120
0.160
8.50
9.70
9.80
10.7
11.9
57
62
50
52
53
8.85
9.53
10.1
11.2
12.7
84
78
67
78
71
680
680
480
640
640
LMC 1005TP- 15NJ,K
LMC 1005TP- 16NJ,K
LMC 1005TP- 18NJ,K
LMC 1005TP- 19NJ,K
LMC 1005TP- 20NJ,K
15 @ 250MHz
16 @ 250MHz
18 @ 250MHz
19 @ 250MHz
20 @ 250MHz
± 5, 10
± 5, 10
± 5, 10
± 5, 10
± 5, 10
24
24
24
24
24
3280
3200
3100
3040
2950
0.172
0.210
0.190
0.260
0.270
14.6
16.2
18.8
19.1
20.6
55
54
56
50
52
15.5
19.1
21.4
21.1
24.2
77
59
65
67
56
560
530
520
480
450
LMC 1005TP- 23NJ,K
LMC 1005TP- 24NJ,K
LMC 1005TP- 27NJ,K
LMC 1005TP- 30NJ,K
LMC 1005TP- 33NJ,K
23 @ 250MHz
24 @ 250MHz
27 @ 250MHz
30 @ 250MHz
33 @ 250MHz
± 5, 10
± 5, 10
± 5, 10
± 5, 10
± 5, 10
24
24
24
24
24
2720
2580
2480
2400
2700
0.280
0.350
0.330
0.400
0.480
23.8
26.3
28.7
31.2
35.5
49
50
49
49
50
26.9
32.8
33.5
42.0
47.0
64
50
63
58
50
400
380
400
350
300
LMC 1005TP- 36NJ,K
LMC 1005TP- 39NJ,K
LMC 1005TP- 40NJ,K
LMC 1005TP- 47NJ,K
LMC 1005TP- 51NJ,K
36 @ 250MHz
39 @ 250MHz
40 @ 250MHz
47 @ 250MHz
51 @ 250MHz
± 5, 10
± 5, 10
± 5, 10
± 5, 10
± 5, 10
24
24
24
20
23
2320
2260
2240
2210
2180
0.403
0.490
0.550
0.830
0.850
39.5
41.0
39.0
50.0
60.5
44
46
44
38
44
48.4
49.5
47.4
-
-
53
40
33
-
-
320
320
320
150
120
LMC 1005TP- 56NJ,K
LMC 1005TP- 68NJ,K
LMC 1005TP- 82NJ,K
56 @ 250MHz
68 @ 250MHz
82 @ 250MHz
± 5, 10
± 5, 10
± 5, 10
22
22
20
2160
2020
1940
1.250
1.520
1.630
65.1
78.8
97.8
42
40
37
-
-
-
-
-
-
100
92
84


Similar Part No. - LMC1005TP-4N7K

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
LMC1000A BLACKBOX-LMC1000A Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
LMC1001A BLACKBOX-LMC1001A Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
LMC1002A BLACKBOX-LMC1002A Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
LMC1003A-R3 BLACKBOX-LMC1003A-R3 Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
LMC1004A-R3 BLACKBOX-LMC1004A-R3 Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
More results

Similar Description - LMC1005TP-4N7K

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com