Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BLV1N60A Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part No. BLV1N60A
Description  N-channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ESTEK [Estek Electronics Co. Ltd]
Homepage  http://www.estek.com.cn/en/index.asp
Logo 

BLV1N60A Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- 1 -
Total 6 Pages
N-channel Enhancement Mode Power MOSFET
• Avalanche Energy Specified
BVDSS
600V
• Fast Switching
RDS(ON)
15Ω
Ω
Ω
Ω
• Simple Drive Requirements
ID
0.5A
Description
This advanced high voltage MOSFET is produced
using Belling’s proprietary DMOS technology.
Designed for high efficiency switch mode power supply
.
Absolute Maximum Ratings ( T
C=25
oC unless otherwise noted )
Symbol
Parameter
Value
Units
VDS
Drain-Source Voltage
600
V
VGS
Gate-Source Voltage
+ 20
V
Continuous Drain Current
0.5
A
ID
Continuous Drain Current ( T
C=100
oC)
0.32
A
IDM
Drain Current (pulsed)
(Note 1)
2
A
Power Dissipation
3
W
PD
Linear Derating Factor
0.025
W/℃
EAS
Single Pulsed Avalanche Energy (Note 2)
3.5
mJ
IAR
Avalanche Current
(Note 1)
0.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
0.3
mJ
Tj
Operating Junction Temperature Range
-55 to +150
oC
TSDG
Storage Temperature Range
-55 to +150
oC
Thermal Characteristics
Symbol
Parameter
Value
Units
Rth j-c
Thermal Resistance, Junction to case
Max.
-
℃/ W
Rth j-a
Thermal Resistance, Junction to Ambient
Max.
120
℃/ W
BLV1N60A


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn