Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79LXX Datasheet(PDF) 4 Page - Estek Electronics Co. Ltd

Part # 79LXX
Description  fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

79LXX Datasheet(HTML) 4 Page - Estek Electronics Co. Ltd

  79LXX Datasheet HTML 1Page - Estek Electronics Co. Ltd 79LXX Datasheet HTML 2Page - Estek Electronics Co. Ltd 79LXX Datasheet HTML 3Page - Estek Electronics Co. Ltd 79LXX Datasheet HTML 4Page - Estek Electronics Co. Ltd 79LXX Datasheet HTML 5Page - Estek Electronics Co. Ltd 79LXX Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
79LXX
Electrical Characteristics 79L12A
Electrical characteristics at specified virtual junction temperature, V I= -19V,IO = 40mA (unless otherwise noted)
Parameter
Test conditions*
Output voltage**
79L12A
Min
Typ
Max
25°
C
-11.5
-12
-12.5
Units
V
Input regulation
IO= 1mA to 40mA, VI= -14.5V to -
27V
IO= 1mA to 70mA
VI= -14.5V to -27V
VI= -16V to -27V
C to 125°
C
25°
C
-11.4
-12.6
-11.4
-12.6
50
250
40
200
mV
Ripple rejection
VI= -15V to -25V, f= 120Hz
C to 125°
C
37
42
dB
Output regulation
IO= 1mA to 100mA
IO= 1mA to 40mA
25°
C
24
100
15
50
mV
Output noise voltage
f= 10Hz to 100 KHz
25°
C
80
µV Dropout voltage
25°
C
1.7
V Bias current
25°
C
6.5
125°
C
6
mA
Bias current change
VI= -16V to -27V
IO= 1mA to 40mA
C to 125°
C
1.5
0.1
*
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately. All characteristics are measured with a 0.33µF capacitor across the input and a 0.1 µF
capacitor across the output.
**
This specification applies only for dc power dissipation permitted by absolute maximum ratings.
Electrical Characteristics 79L15A
Electrical characteristics at specified virtual junction temperature, V I= -23V,IO = 40mA (unless otherwise noted)
Parameter
Test conditions*
Output voltage**
79L15A
Min
Typ
Max
25°
C
-14.4
-15
-15.6
Units
V
Input regulation
IO= 1mA to 40mA, VI= -17.5V to -30V
IO= 1mA to 70mA
VI= -17.5V to -30V
VI= -20V to -30V
C to 125°
C
25°
C
-14.25
-15.75
-14.25
-15.75
65
300
50
250
mV
Ripple rejection
VI= -18.5V to -28.5V, f= 120Hz
C to 125°
C
34
39
dB
Output regulation
IO= 1mA to 100mA
IO= 1mA to 40mA
25°
C
25
150
15
75
mV
Output noise voltage
f= 10Hz to 100 KHz
25°
C
90
µV
Dropout voltage
25°
C
1.7
V
Bias current
25°
C
6.5
125°
C
6
mA
Bias current change
VI= -20V to -30V
IO= 1mA to 40mA
C to 125°
C
1.5
0.1
4
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - 79LXX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
79LXX UTC-79LXX Datasheet
91Kb / 7P
   LINEAR INTEGRATED CIRCUIT
79LXX UTC-79LXX Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - 79LXX

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
7805B ESTEK-7805B Datasheet
241Kb / 3P
   fixed-voltage monolithic integrated-circuit voltage regulators
79XX ESTEK-79XX Datasheet
135Kb / 6P
   fixed-negative-voltage monolithic integrated-circuit voltage regulators
7805A ESTEK-7805A Datasheet
288Kb / 3P
   fixed-voltage monolithicintegrated-circuit voltage regulators
logo
List of Unclassifed Man...
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
   Fork sensors for a wide range of applications
logo
Texas Instruments
LM340 TI1-LM340_16 Datasheet
3Mb / 33P
[Old version datasheet]   1.5-A Fixed Voltage Regulators
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
887Kb / 14P
   This device is designed for high voltage driver applications.
logo
Texas Instruments
LM78L05 TI-LM78L05 Datasheet
1,014Kb / 21P
[Old version datasheet]   The LM78LXX series of three terminal positive regulators is available with several fixed output voltages making them useful in a wide range of applications.
logo
International Rectifier
IRU1237SC IRF-IRU1237SC Datasheet
54Kb / 7P
   THREE INTEGRATED, FIXED OUTPUT LINEAR VOLTAGE REGULATORS
logo
Central Semiconductor C...
CP710V-MPSA92 CENTRAL-CP710V-MPSA92 Datasheet
388Kb / 3P
   The CP710V-MPSA92 is a silicon PNP transistor designed for high voltage applications.
logo
Power System Technology
FAB0307015 PST-FAB0307015 Datasheet
211Kb / 3P
   This range of power supplies is specially designed for DIN Rail mounting applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com