Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL3480-XX Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # IL3480-XX
Description  100mA, Quasi Low-Dropout Voltage Regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

IL3480-XX Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  IL3480-XX Datasheet HTML 1Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IL3480-XX
100mA, Quasi Low-Dropout Voltage Regulator
FEATURES:
u 3.3, 5V versions available
u 30V maximum input for operation
u 1.2V guaranteed maximum dropout over full load and temperature ranges
u 100 mA guaranteed minimum load current
APPLICATION:
u Tiny alternative to 78LXX series and similar devices
u Low-Dropout Voltage Regulator
Y
u Post regulator for switching DC/DC converter
u Bias supply for analog circuits
TYPICAL APPLICATION CIRCUIT
X
PAD LOCATION
Note:
•Co-ordinates (bottom left co-ordinates comer), µm
•Padsize: 96x96 µm2
PHISICAL CHARACTERISTICS
Wafer Diameter...... 100 ± 0.5 mm;
Wafer thickness .…. 280 ± 20
µm;
Scribe width ............80
µm;
Metallization: Top... Al
Bottom... without metallization
ABSOLUTE MAXIMUM RATINGS
Input Voltage
35V
Junction Temperature
+150°C
ELECTRICAL CHARACTERISTICS IL3480-3.3, IL3480-5.0
Typicals and limits appearing in normal type apply for TA = TJ = 25°C. Limits appearing in boldface type apply
over the entire junction temperature range for operation, -10 to +70°C. (Notes 1, 2)
Nominal Output Voltage (VNOM)
3.3V
5.0V
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
Output Voltage
Vout
Vin=Vnom+1.5V;
1m
А
≤Iout≤100mА
3.17
3.14
3.3
3.43
3.46
4.8
4.75
5.0
5.2
5.25
V
Line Regulation
∆Vout
Vnom+1.5V
≤Vin≤30V;
Iout =1mA
25
25
mV
Load Regulation
∆Vout
Vin=Vnom+1.5V;
1m
А
≤Iout≤100mА
50
50
mV
Ground Pin Current
IGND
Vin=30V
No Load
3
4
3
4
mA
Ground Pin Current
Change
∆I
GND
Vnom+1.5V
≤Vin≤20V,
Iout =40mA;
Vin=Vnom+5V,
1m
А
≤Iout≤40mА
1.4
0.5
1.4
0.5
m
А
m
А
Dropout Voltage
Vin-
Vout
Iout =10mA;
Iout =100mA
0.9
1.0
1.1
1.2
0.9
1.0
1.1
1.2
V
Note 1: A typical is the center of characterization data taken with TA = TJ = 25°C. Typicals are not guaranteed.
Note 2: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production
with TA = TJ = 25°C. All hot and cold limits are guaranteed by correlating the electrical characteristics to process and temperature variations
and applying statistical process control.
Pad
No.
Pad Name
X
Y
1
GND
92
107
2
Output
899
747
3
Input
92
747
1
2
3
Chip size:1.1x 0.95
mm
2
TR
DATA SHEET


Similar Part No. - IL3480-XX

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL3480 IKSEMICON-IL3480 Datasheet
166Kb / 3P
   100mA, Quasi Low-Dropout Voltage Regulator
More results

Similar Description - IL3480-XX

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL3480 IKSEMICON-IL3480 Datasheet
166Kb / 3P
   100mA, Quasi Low-Dropout Voltage Regulator
logo
KODENSHI_AUK CORP.
KK3480 KODENSHI-KK3480 Datasheet
185Kb / 3P
   100mA, Quasi Low-Dropout Voltage Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com