Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD40101K Datasheet(PDF) 2 Page - ABCO ELECTRONICS CO.LTD

Part # RD40101K
Description  RADIAL LEADED INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

RD40101K Datasheet(HTML) 2 Page - ABCO ELECTRONICS CO.LTD

  RD40101K Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD RD40101K Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD RD40101K Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD RD40101K Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD RD40101K Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD RD40101K Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD RD40101K Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD RD40101K Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
58
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
RADIAL LEADED INDUCTORS
Symbol
Dimensions
RD35HRD35
RD40
RD45
T
t
D1
P0
W0
W2
¿D
L
W
H
P
P2
Æh
D2
H1
H0
H2
W1
W3
¿d
P1
F
t
T
D1
P0
W0
W2
L
W
P
P2
∆h
D2
H1
H0
H2
W1
P1
F
d
D
D1
D2
H1
H2
H0
P
P0
P1
P2
F
∆h
W
W0
W1
W2
øD
ød
L
t
6.0max.
4.0max.
26max.
9max.
7.5max.
4.0max.
26max.
5max.
5.0
+0.8
-0.3
9
+0.75
-0.5
0.50
± 0.05
8.0max.
5.0max.
27.5max.
10.5max.
0.0
± 2.0
6.0
± 0.1
6.5
H0 - W1
12.7
± 1.0
12.7
± 0.3
3.85
± 0.5
6.35
± 1.3
18
+1.0
-0.5
T
≥ W2
4.0
± 0.3
11.0max.
0.5
± 2.0
9.5max.
6.0max.
27.5max.
10.5max.
Unit: mm
TAPING DIMENSIONS
5.0
+0.6
-0.2
9
+1.0
-0.5
0.60
± 0.05
P0: Accumulated error for 20 pitches is
± 1mm
W2: Bonding tape must not protrude from the base tape.
Note 1. No more than 3 consecutive pieces can be omitted.


Similar Part No. - RD40101K

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
RD4 MIMIX-RD4 Datasheet
179Kb / 1P
   Units operate over the full 3.7-4.2 GHz frequency range
logo
RSG Electronic Componen...
RD4-0303R10A1 RSG-RD4-0303R10A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RD4-0303R10A3 RSG-RD4-0303R10A3 Datasheet
1Mb / 4P
   DC/DC-Converter
RD4-0305R10A1 RSG-RD4-0305R10A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RD4-0305R10A3 RSG-RD4-0305R10A3 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RD40101K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com