Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD40820K Datasheet(PDF) 7 Page - ABCO ELECTRONICS CO.LTD

Part # RD40820K
Description  RADIAL LEADED INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

RD40820K Datasheet(HTML) 7 Page - ABCO ELECTRONICS CO.LTD

  RD40820K Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD RD40820K Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD RD40820K Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD RD40820K Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD RD40820K Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD RD40820K Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD RD40820K Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD RD40820K Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
63
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Measuring
Self-Resonant
DC
Rated
Ordering Code
Inductance
Inductanced
Q
Frequency
Frequency
Resistance
Current
[µH]
Tolerance
(min.)
[MHz]
[MHz]
[
Ω][mA]
(min.)
(max.)
(max.)
± 10%
(
± 5%)
RD45
RD45 100K
10
RD45 120K
12
RD45 150K
15
RD45 180K
18
RD45 220K
22
RD45 270K
27
RD45 330K
33
RD45 390K
39
RD45 470K
47
RD45 560K
56
RD45 680K
68
RD45 820K
82
RD45 101K
100
RD45 121K
120
RD45 151K
150
RD45 181K
180
RD45 221K
220
RD45 271K
270
RD45 331K
330
RD45 391K
390
RD45 471K
470
RD45 561K
560
RD45 681K
680
RD45 821K
820
RD45 102K
1000
RD45 122K
1200
RD45 152K
1500
RD45 182K
1800
RD45 222K
2200
RD45 272K
2700
RD45 332K
3300
RD45 392K
3900
RD45 472K
4700
RD45 562K
5600
RD45 682K
6800
RD45 822K
8200
RD45 103K
10000
RD45 123K
12000
RD45 153K
15000
17.0
14.0
12.0
10.5
10.0
9.5
8.5
8.0
7.0
6.8
6.5
6.3
6.0
5.4
4.8
4.0
3.9
3.6
3.3
3.0
2.8
2.4
2.2
2.0
1.8
1.7
1.5
1.3
1.2
0.8
0.7
0.7
0.6
0.5
0.4
0.4
0.3
0.2
0.1
0.19
0.22
0.24
0.26
0.29
0.32
0.34
0.42
0.47
0.52
0.58
0.64
0.85
1.00
1.20
1.50
1.65
2.15
2.90
3.25
4.05
4.45
5.85
6.60
8.90
10.5
11.9
16.5
19.0
32.0
34.0
38.0
56.0
63.0
70.0
77.0
95.0
110.0
160.0
780
730
650
610
540
480
440
410
375
340
320
285
260
240
215
195
180
160
145
135
125
115
105
90
85
75
70
60
58
52
48
45
40
37
34
31
28
25
21
2.52
0.796
0.252
0.0796
20
15
25
20
25
30
35
40
45
40


Similar Part No. - RD40820K

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
RD4 MIMIX-RD4 Datasheet
179Kb / 1P
   Units operate over the full 3.7-4.2 GHz frequency range
logo
RSG Electronic Componen...
RD4-0303R10A1 RSG-RD4-0303R10A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RD4-0303R10A3 RSG-RD4-0303R10A3 Datasheet
1Mb / 4P
   DC/DC-Converter
RD4-0305R10A1 RSG-RD4-0305R10A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RD4-0305R10A3 RSG-RD4-0305R10A3 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RD40820K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com