Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPN1054T-151K Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPN1054T-151K
Description  SMD NONSHIELDED TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPN1054T-151K Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPN1054T-151K Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Ordering Code
Inductance
Inductance
Test Freq.
DC Resistance
Rated
(
µH)
TOL.(%)
(KHz)
(Ω)Max
Current(A)
Ordering Code
Inductance
Inductance
Test Freq.
DC Resistance
Rated
(
µH)
TOL.(%)
(KHz)
(Ω)Max
Current(A)
100
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• Inductance drop = 10%typ. at rated current
LPN1040 SERIES
SMD Nonshielded type
SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
ELECTRICAL CHARACTERISTICS
LPN1040T-100K
LPN1040T-150K
LPN1040T-220K
LPN1040T-330K
LPN1040T-470K
LPN1040T-680K
LPN1040T-101K
LPN1040T-151K
LPN1040T-221K
LPN1040T-331K
LPN1040T-471K
10
15
22
33
47
68
100
150
220
330
470
0.053
0.070
0.088
0.120
0.170
0.223
0.344
0.544
0.721
1.100
1.526
2.38
1.87
1.60
1.26
1.10
0.91
0.74
0.61
0.53
0.42
0.35
± 10
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• Inductance drop = 10%typ. at rated current
LPN1054 SERIES
SMD Nonshielded type
SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
ELECTRICAL CHARACTERISTICS
LPN1054T-100K
LPN1054T-150K
LPN1054T-220K
LPN1054T-330K
LPN1054T-470K
LPN1054T-680K
LPN1054T-101K
LPN1054T-151K
LPN1054T-221K
LPN1054T-331K
LPN1054T-471K
LPN1054T-681K
10
15
22
33
47
68
100
150
220
330
470
680
0.060
0.080
0.100
0.120
0.170
0.220
0.350
0.470
0.730
1.150
1.480
2.250
2.60
2.27
1.95
1.50
1.28
1.11
0.97
0.78
0.66
0.52
0.42
0.28
100
± 10
9.0
± 0.15
4.0
± 0.15
10.6
4.4
1.8
10.0
9.0
± 0.15
5.4
± 0.15
10.6
4.4
1.8
10.0


Similar Part No. - LPN1054T-151K

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPN1054T-151K ABCO-LPN1054T-151K Datasheet
101Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPN1054T-151K

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPN5845T-100K ABCO-LPN5845T-100K Datasheet
480Kb / 1P
   SMD NONSHIELDED TYPE
logo
Guangdong Kexin Industr...
KP00Q03 KEXIN-KP00Q03 Datasheet
794Kb / 7P
   SMD Type
2SA1774 KEXIN-2SA1774_15 Datasheet
1Mb / 2P
   SMD Type
AO3423 KEXIN-AO3423 Datasheet
1Mb / 4P
   SMD Type
logo
Soberton Inc.
ST-025BL SOBERTON-ST-025BL Datasheet
118Kb / 1P
   Reflow Type (SMD)
logo
ABCO ELECTRONICS CO.LTD
LPF7028 ABCO-LPF7028 Datasheet
451Kb / 1P
   SMD SHIELDED TYPE
logo
Murata Manufacturing Co...
IML-0662N000-T1 MURATA-IML-0662N000-T1 Datasheet
165Kb / 2P
   For SMD TYPE
logo
Soberton Inc.
ST-03BL SOBERTON-ST-03BL Datasheet
1Mb / 5P
   Reflow Type (SMD)
ST-03CH SOBERTON-ST-03CH Datasheet
1Mb / 5P
   Reflow Type (SMD)
ST-04BT SOBERTON-ST-04BT Datasheet
1Mb / 5P
   Reflow Type (SMD)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com