Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576 Datasheet(PDF) 6 Page - Estek Electronics Co. Ltd

Part # LM2576
Description  Simple high-efficiency step-down (buck) regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM2576 Datasheet(HTML) 6 Page - Estek Electronics Co. Ltd

  LM2576 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 6Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 7Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 8Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM2576 Series
Typical Performance Characteristics (Circuit of Figure 2)
Normalized Output Voltage
Line Regulation
Dropout Voltage
VIN =20V
ILOAD = 500mA
Normalized at
TJ =25°C
ILOAD = 500mA
TJ =25°C
ILOAD = 3A
L1 = 150
H
3.3V, 5V & ADJ
12V & 15V
ILOAD = 200mA
ILOAD = 1A
RIND = 0.1
JUNCTION TEMPERATURE (°C)
INPUT
VOLTAGE (V)
JUNCTION TEMPERATURE (°C)
Standby
Quiescent Current
Quiescent Current
Current Limit
VIN = 25V
VIN = 40V
VOUT = 5V
Measured at
Ground Pin
VON/OFF = 5V
TJ =25°C
VIN =12 V
ILOAD = 200mA
ILOAD = 3A
JUNCTION TEMPERATURE (°C)
INPUT
VOLTAGE (V)
JUNCTION TEMPERATURE (°C)
Switch Saturation
Voltage
Efficiency
Oscilator Frequency
Normalized at 25°C
-55°C
ILOAD = 3A
15V OUT
TJ =25°C
ILOAD = 200mA
VIN = 40V
25°C
150°C
5V
ILOAD = 3A
ILOAD = 200mA
VIN = 12V
SWITCH CURRENT (A)
INPUT
VOLTAGE (V)
JUNCTION TEMPERATURE (°C)
Minimum Operating Voltage
Quiescent Current
vs Duty Cycle
Feedback Voltage
vs Duty Cycle
Adjustable Version Only
Adjustable Version Only
VIN = 7V
Adjustable Version Only
ILOAD = 500mA
VIN = 40V
VOUT
≈1.23V
ILOAD = 500mA
ILOAD = 500mA
VIN = 40V
VIN = 7V
JUNCTION TEMPERATURE (°C)
DUTY CYCLE (%)
DUTY CYCLE (%)
6
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - LM2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Texas Instruments
LM2576 TI1-LM2576 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results

Similar Description - LM2576

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
   Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com