Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPF1260T-470M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF1260T-470M
Description  SMD SHIELDED TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF1260T-470M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF1260T-470M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
5.4
2.9
7.0
4.5MAX
330
12.0
± 0.3
7.9
± 0.2
1.8
± 0.2
12.8
ELECTRICAL CHARACTERISTICS
LPF1245 SERIES
SMD Shielded type
SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ 20% at rated current
• IDC2(The temperature rise): △T = 40˚C at rated current
TEST EQUIPMENTS
Inductance
RDC (
Ω)
Rated Current(A)
Ordering Code
(
µH)
Max.
IDC1
IDC2
MAX.
TYP.
LPF1245T-1R5M
LPF1245T-2R2M
LPF1245T-3R0M
LPF1245T-4R7M
LPF1245T-6R0M
LPF1245T-7R2M
LPF1245T-100M
LPF1245T-150M
LPF1245T-220M
LPF1245T-330M
LPF1245T-470M
LPF1245T-680M
LPF1245T-101M
± 20
0.0130
0.0160
0.0180
0.0250
0.0290
0.0340
0.0400
0.0560
0.0750
0.0930
0.1380
0.1770
0.2450
11.50
9.50
8.00
6.40
6.20
5.10
4.00
3.40
2.90
2.40
1.90
1.50
1.20
8.50
8.07
6.95
5.70
5.13
4.60
4.56
3.69
2.56
2.46
1.89
1.84
1.56
7.9
± 0.2
1.8
± 0.2
5.4
2.9
7.0
6.0MAX
330
12.0
± 0.3
12.8
ELECTRICAL CHARACTERISTICS
LPF1260 SERIES
SMD Shielded type
SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ 20% at rated current
• IDC2(The temperature rise): △T = 40˚C at rated current
TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
Inductance
Inductance
Test
DC Resistance
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
(
Ω)Max
IDC1
IDC2
(KHz)
(Max.)
(Ref.)
LPF1260T-100M
LPF1260T-150M
LPF1260T-220M
LPF1260T-330M
LPF1260T-470M
LPF1260T-680M
LPF1260T-850M
LPF1260T-101M
LPF1260T-151M
LPF1260T-221M
LPF1260T-331M
LPF1260T-471M
LPF1260T-681M
LPF1260T-102M
10
15
22
33
47
68
85
100
150
220
330
470
680
1000
0.025
0.030
0.040
0.057
0.075
0.120
0.130
0.150
0.220
0.330
0.470
0.700
1.150
1.400
5.0
4.0
3.5
3.0
2.5
2.0
1.7
1.5
1.2
1.0
0.8
0.7
0.6
0.5
7.55
6.54
5.38
4.75
3.13
2.95
2.83
2.76
2.15
2.07
1.36
1.29
0.89
0.84
100
± 20


Similar Part No. - LPF1260T-470M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF1260T-470M ABCO-LPF1260T-470M Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF1260T-470M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF7028 ABCO-LPF7028 Datasheet
451Kb / 1P
   SMD SHIELDED TYPE
LPF6025 ABCO-LPF6025 Datasheet
456Kb / 1P
   SMD SHIELDED TYPE
LPF1280T-1R0M ABCO-LPF1280T-1R0M Datasheet
450Kb / 1P
   SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
   SMD SHIELDED TYPE
LPF4027 ABCO-LPF4027 Datasheet
453Kb / 1P
   SMD SHIELDED TYPE
LPF4017 ABCO-LPF4017 Datasheet
456Kb / 1P
   SMD SHIELDED TYPE
LPF3015 ABCO-LPF3015 Datasheet
463Kb / 1P
   SMD SHIELDED TYPE
LPF2015T-1R5M ABCO-LPF2015T-1R5M Datasheet
462Kb / 1P
   SMD SHIELDED TYPE
LPF2010T-1R5M ABCO-LPF2010T-1R5M Datasheet
453Kb / 1P
   SMD SHIELDED TYPE
LPM1250 ABCO-LPM1250 Datasheet
448Kb / 1P
   SMD SHIELDED TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com