Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T10120 Datasheet(PDF) 1 Page - Sumida Corporation

Part # T10120
Description  ADSL Transformer < Pin Type: EP Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

T10120 Datasheet(HTML) 1 Page - Sumida Corporation

  T10120 Datasheet HTML 1Page - Sumida Corporation T10120 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADSL Transformer< Pin Type: EP Series>
Type: EP1311
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
14.0×13.8 mm Max. (L×W),13.1 mm Max. Height.
Feature
xDSL line transformer.
Ideally used in ADSL customer premises equipment and splitter.
Approved by TI, Silicon Labs and Conexant.
RoHS Compliance.
Dimensions (mm)
Land Pattern (mm)
Schematics(Bottom)
(A)
(B)
(C)
3.2±0.5
[.126 ±.020]
13.8 MAX
[.543]
Country of Origin
14.0 MAX
[.551]
Part Number
Date Code
sumida
13.1 MAX
[.516]
10.0
[.394]
1
5
10
6
1
10
5
6
6x2.5
[.098]
9xØ0.6
[.024]
5.0
[.197]
10.0
[.394]
2.5
[.098]
10.0
[.394]
Ø0.9
[.035]
1
4
2
5
Line
Chip
7
9
5
Line
6
8 Chip
1
10
1
4
2
5
10
8
9
7
Line
6
Chip


Similar Part No. - T10120

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10120 LITTELFUSE-T10120 Datasheet
177Kb / 1P
   Solid-State On-Delay Timer
2019 Rev: 2-B-043019
More results

Similar Description - T10120

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EP1311D SUMIDA-EP1311D Datasheet
135Kb / 1P
   ADSL Transformer< Pin Type: EP Series>
EP1311C SUMIDA-EP1311C Datasheet
141Kb / 1P
   ADSL Transformer< Pin Type: EP Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
CEP1311 SUMIDA-CEP1311 Datasheet
152Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP78B SUMIDA-CEP78B Datasheet
47Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP912 SUMIDA-CEP912 Datasheet
43Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP810 SUMIDA-CEP810 Datasheet
46Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP1311E SUMIDA-CEP1311E Datasheet
183Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP710 SUMIDA-CEP710 Datasheet
173Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP711 SUMIDA-CEP711 Datasheet
108Kb / 1P
   ADSL Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com