Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K24C020-WERG-A Datasheet(PDF) 4 Page - Estek Electronics Co. Ltd

Part # K24C020-WERG-A
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C020-WERG-A Datasheet(HTML) 4 Page - Estek Electronics Co. Ltd

  K24C020-WERG-A Datasheet HTML 1Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 2Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 3Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 4Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 9Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
O M
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA
pin may change only during SCL low time periods (see to Figure 1 on page 4). Data changes during SCL high periods
will indicate a start or stop condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede any other
command (see to Figure 2 on page 4).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop
command will place the EEPROM in a standby power mode (see Figure 2 on page 4).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The
EEPROM sends a "0" to acknowledge that it has received each word. This happens during the ninth clock cycle.
STANDBY MODE: The 24C02/ 24C04/ 24C08/ 24C16 features a low-power standby mode which is enabled: (a)
upon power-up and (b) after the receipt of the STOP bit and the completion of any internal operations
MEMORY RESET: After an interruption in protocol, power loss or system reset, any two-wire part can be reset by
following these steps:
1.
Clock up to 9 cycles.
2.
Look for SDA high in each cycle while SCL is high.
3.
Create a start condition.
¡Figure 1: Data Validity
¡Figure 2: Start and Stop Definition
SDA
SCL
START
STOP
SDA
SCL
DATA
CHANGE
DATA STABLE
DATA STABLE
4
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16


Similar Part No. - K24C020-WERG-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K24C02 ETC1-K24C02 Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
K24C02C ETC-K24C02C Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
V1.3
More results

Similar Description - K24C020-WERG-A

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com